Electronic Components Datasheet Search
  English  ▼

X  

AAT1274 Datasheet (PDF) - Skyworks Solutions Inc.

AAT1274 Datasheet PDF - Skyworks Solutions Inc.
Part # AAT1274
Download  AAT1274 Download

File Size   2053.5 Kbytes
Page   17 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 1.5A Single Flash LED Driver IC

AAT1274 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT1274 Datasheet PDF - Skyworks Solutions Inc.

Part # AAT1274
Download  AAT1274 Click to download

File Size   2053.5 Kbytes
Page   17 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 1.5A Single Flash LED Driver IC

AAT1274 Datasheet (HTML) - Skyworks Solutions Inc.




Similar Part No. - AAT1274

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1270 ANALOGICTECH-AAT1270 Datasheet
724Kb / 18P
   1A Step-Up Current Regulator for Flash LEDs
AAT1270 ANALOGICTECH-AAT1270 Datasheet
566Kb / 18P
   1A Step-Up Current Regulator for Flash LEDs
logo
Skyworks Solutions Inc.
AAT1270 SKYWORKS-AAT1270 Datasheet
1Mb / 19P
   1A Step-Up Current Regulator for Flash LEDs
September 21, 2012
logo
Advanced Analogic Techn...
AAT1270IFO-T1 ANALOGICTECH-AAT1270IFO-T1 Datasheet
724Kb / 18P
   1A Step-Up Current Regulator for Flash LEDs
AAT1270IFO-T1 ANALOGICTECH-AAT1270IFO-T1 Datasheet
566Kb / 18P
   1A Step-Up Current Regulator for Flash LEDs
More results


Similar Description - AAT1274

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Texas Instruments
LM3639A TI-LM3639A Datasheet
518Kb / 28P
[Old version datasheet]   Single Chip 40V Backlight 1.5A Flash LED Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Shanghai awinic technol...
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
   High Efficiency, 1.5A Flash LED Driver
logo
Integrated Silicon Solu...
IS31BL3233A ISSI-IS31BL3233A Datasheet
456Kb / 13P
   2MHz, 1.5A FLASH/TORCH LED DRIVER
logo
Shanghai Consonance Ele...
CN5711 CONSONANCE-CN5711 Datasheet
167Kb / 8P
   1.5A High Brightness LED Driver IC
logo
Shanghai awinic technol...
AW3643 AWINIC-AW3643 Datasheet
2Mb / 39P
   High Efficiency, Dual 1.5A Flash LED Driver
AW36413 AWINIC-AW36413 Datasheet
2Mb / 37P
   High Efficiency, Dual 1.5A Flash LED Driver
AW36414 AWINIC-AW36414 Datasheet
2Mb / 39P
   High Efficiency, Dual Independent 1.5A Flash LED Driver
AW3644 AWINIC-AW3644 Datasheet
2Mb / 37P
   High Efficiency, Dual Independent 1.5A Flash LED Driver
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com