Electronic Components Datasheet Search
  English  ▼

X  

L1N5923 Datasheet (PDF) - GOOD-ARK Electronics

L1N5923 Datasheet PDF - GOOD-ARK Electronics
Part # L1N5923_15
Download  L1N5923 Download

File Size   202.82 Kbytes
Page   5 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1.5W

L1N5923 Datasheet (PDF)

Go To PDF Page Download Datasheet
L1N5923 Datasheet PDF - GOOD-ARK Electronics

Part # L1N5923_15
Download  L1N5923 Click to download

File Size   202.82 Kbytes
Page   5 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1.5W

L1N5923 Datasheet (HTML) - GOOD-ARK Electronics




Similar Part No. - L1N5923_15

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1N0-3070000000000 LUMILEDS-L1N0-3070000000000 Datasheet
1Mb / 15P
Industry best thermal performance, 2A drive current, compatible with standard optics, 3-stripe footprint
L1N0-3070000000000 LUMILEDS-L1N0-3070000000000 Datasheet
1Mb / 2P
Industry best thermal performance, 2A drive current, compatible with standard optics, 3-stripe footprint
L1N0-4070000000000 LUMILEDS-L1N0-4070000000000 Datasheet
1Mb / 15P
Industry best thermal performance, 2A drive current, compatible with standard optics, 3-stripe footprint
L1N0-4070000000000 LUMILEDS-L1N0-4070000000000 Datasheet
1Mb / 2P
Industry best thermal performance, 2A drive current, compatible with standard optics, 3-stripe footprint
L1N0-5070000000000 LUMILEDS-L1N0-5070000000000 Datasheet
1Mb / 15P
Industry best thermal performance, 2A drive current, compatible with standard optics, 3-stripe footprint
More results


Similar Description - L1N5923_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
F1N5913 GOOD-ARK-F1N5913_15 Datasheet
212Kb / 5P
Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1.5W
FP5ZC2V2 GOOD-ARK-FP5ZC2V2_15 Datasheet
216Kb / 5P
Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:0.5W
F1N4728 GOOD-ARK-F1N4728_15 Datasheet
204Kb / 5P
Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1W
L1N4738 GOOD-ARK-L1N4738_15 Datasheet
193Kb / 5P
Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1W
L2N5923B GOOD-ARK-L2N5923B_15 Datasheet
217Kb / 5P
Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:2W
L3N5923B GOOD-ARK-L3N5923B_15 Datasheet
218Kb / 5P
Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:3W
1N746 GOOD-ARK-1N746_15 Datasheet
57Kb / 2P
Zener Diodes VZ Range 3.3 to 12 Volts Power Dissipation 500mW
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
logo
Jinan Gude Electronic D...
SMBJ5913 JGD-SMBJ5913 Datasheet
184Kb / 2P
1.5W SILICON SURFACE MOUNT ZENER DIODES
SMBJ5946B JGD-SMBJ5946B Datasheet
184Kb / 2P
1.5W SILICON SURFACE MOUNT ZENER DIODES
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com