Electronic Components Datasheet Search
  English  ▼

X  

EPA1140-35(-RC) Datasheet (PDF) - PCA ELECTRONICS INC.

EPA1140-35(-RC) Datasheet PDF - PCA ELECTRONICS INC.
Part # EPA1140-35(-RC)
Download  EPA1140-35(-RC) Download
File Size   23.39 Kbytes
Page   1 Pages
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.
Description SMD 8 Pin 5 Tap TTL Compatible

EPA1140-35(-RC) Datasheet (PDF)

Go To PDF Page Download Datasheet
EPA1140-35(-RC) Datasheet PDF - PCA ELECTRONICS INC.

Part # EPA1140-35(-RC)
Download  EPA1140-35(-RC) Click to download

File Size   23.39 Kbytes
Page   1 Pages
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.
Description SMD 8 Pin 5 Tap TTL Compatible

EPA1140-35(-RC) Datasheet (HTML) - PCA ELECTRONICS INC.




Similar Part No. - EPA1140-35(-RC)

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA1140-35 PCA-EPA1140-35 Datasheet
22Kb / 1P
SMD 8 Pin 5 Tap TTL Compatible Active Delay Lines
EPA1140-35-RC PCA-EPA1140-35-RC Datasheet
22Kb / 1P
SMD 8 Pin 5 Tap TTL Compatible Active Delay Lines
EPA1140-350 PCA-EPA1140-350 Datasheet
22Kb / 1P
SMD 8 Pin 5 Tap TTL Compatible Active Delay Lines
EPA1140-350-RC PCA-EPA1140-350-RC Datasheet
22Kb / 1P
SMD 8 Pin 5 Tap TTL Compatible Active Delay Lines
More results


Similar Description - EPA1140-35(-RC)

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA1140-XX PCA-EPA1140-XX Datasheet
22Kb / 1P
SMD 8 Pin 5 Tap TTL Compatible Active Delay Lines
EP9100 PCA-EP9100 Datasheet
27Kb / 1P
28 Pin SMD 5 Tap TTL Compatible Active Delay Lines
EPA2398-25 PCA-EPA2398-25 Datasheet
23Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-25 PCA-EPA2720-25 Datasheet
41Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA600-4 PCA-EPA600-4 Datasheet
62Kb / 1P
8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
EP9677 PCA-EP9677 Datasheet
19Kb / 1P
8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
EP91XX PCA-EP91XX_15 Datasheet
27Kb / 1P
28 Pin SMD 5 Tap TTL Compatible Active Delay Lines
EP9677 PCA-EP9677_15 Datasheet
19Kb / 1P
8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
EPA600-XX PCA-EPA600-XX_15 Datasheet
62Kb / 1P
8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
EPA2398 PCA-EPA2398_15 Datasheet
23Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com