Electronic Components Datasheet Search
  English  ▼

X  

MB3614 Datasheet (PDF) - fujitsu semiconductor

MB3614 Datasheet PDF - fujitsu semiconductor
Part # MB3614
Download  MB3614 Download
File Size   89.33 Kbytes
Page   7 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description QUAD OPERATIONAL AMPLIFIER

MB3614 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3614 Datasheet PDF - fujitsu semiconductor

Part # MB3614
Download  MB3614 Click to download

File Size   89.33 Kbytes
Page   7 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description QUAD OPERATIONAL AMPLIFIER

MB3614 Datasheet (HTML) - fujitsu semiconductor


MB3614 Product details

The Fujitsu MB3614 is a Quad operational amplifier having a phase compensatory circuitry and operates from a single power supply or dual power supplies.
The device has equivalent electrical characteristics of current industrial standard operational amplifier and requires low power supply current.
MB3614 can be high density mounted because it integrates 4 circuits in DIP/FPT 14-pin package.

• No phase compensation required
• Wide power supply voltage
   — Single power supply: +3 to +30 V
   — Dual power supplies: ±1.5 to ±15 V
• Wide input common mode range: 0 to (VCC -1.5) V
• Low power supply current: 0.8 mA typ.
• Low input offset voltage: 2 mV typ.
• Package
   — 14-pin Plastic DIP package (Suffix: -P)
   — 14-pin Ceramic DIP package (Suffix: -Z)
   — 14-pin Plastic FPT package (Suffix: -PF)




Similar Part No. - MB3614

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
QUAD OPERATIONAL AMPLIFIER
More results


Similar Description - MB3614

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
QUAD OPERATIONAL AMPLIFIER?
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
QUAD OPERATIONAL AMPLIFIER
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
Quad operational amplifier
logo
fujitsu semiconductor
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
Quad Operational Amplifier
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
Quad Operational Amplifier
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
QUAD OPERATIONAL AMPLIFIER
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
Quad Operational Amplifier
Rev 1.0 16/06/18
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com