Electronic Components Datasheet Search
  English  ▼

X  

MCP101T-270DI/TO Datasheet (PDF) - Microchip Technology

MCP101T-270DI/TO Datasheet PDF - Microchip Technology
Part # MCP101T-270DI/TO
Download  MCP101T-270DI/TO Download
File Size   308.66 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Microcontroller Supervisory Circuit with Push-Pull Output

MCP101T-270DI/TO Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP101T-270DI/TO Datasheet PDF - Microchip Technology

Part # MCP101T-270DI/TO
Download  MCP101T-270DI/TO Click to download

File Size   308.66 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Microcontroller Supervisory Circuit with Push-Pull Output

MCP101T-270DI/TO Datasheet (HTML) - Microchip Technology


MCP101T-270DI/TO Product details

DESCRIPTION

The Microchip Technology Inc. MCP100/101 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage drops below a safe operating level. Both devices are available with a choice of seven different trip voltages and both have push-pull outputs.



FEATURES

• Holds microcontroller in reset until supply voltage reaches stable operating level

• Resets microcontroller during power loss

• Precision monitoring of 3V, 3.3V, and 5V systems

• 7 voltage trip points available




Similar Part No. - MCP101T-270DI/TO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP101T-270I/TT MICROCHIP-MCP101T-270I/TT Datasheet
281Kb / 16P
Microcontroller Supervisory Circuit with Push-Pull Output
2001
More results


Similar Description - MCP101T-270DI/TO

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP730 SIPEX-SP730 Datasheet
107Kb / 7P
Microprocessor Supervisory Circuit with Pull Up Resistor
logo
Microchip Technology
MCP101 MICROCHIP-MCP101 Datasheet
222Kb / 8P
Microcontroller Supervisory Circuit with Push-Pull Output
1999
MCP120 MICROCHIP-MCP120 Datasheet
221Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
2001
logo
Sipex Corporation
SP730 SIPEX-SP730_05 Datasheet
612Kb / 7P
Microprocessor Supervisory Circuit with Pull Up Resistor
logo
Microchip Technology
MCP100 MICROCHIP-MCP100_01 Datasheet
281Kb / 16P
Microcontroller Supervisory Circuit with Push-Pull Output
2001
MCP809 MICROCHIP-MCP809 Datasheet
320Kb / 14P
MICROCONTROLLER SUPERVISORY CIRCUIT WITH PUSH-PULL OUTPUT
2001
MCP130T-315ITT MICROCHIP-MCP130T-315ITT Datasheet
232Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP120T-450I-TT MICROCHIP-MCP120T-450I-TT Datasheet
232Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP130-450HI MICROCHIP-MCP130-450HI Datasheet
167Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
118 921-5820
MCP120-450DI MICROCHIP-MCP120-450DI Datasheet
232Kb / 16P
Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com