Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM216-16SUR Datasheet (PDF) - ATMEL Corporation

AT90PWM216-16SUR Datasheet PDF - ATMEL Corporation
Part # AT90PWM216-16SUR
Download  AT90PWM216-16SUR Download
File Size   962.31 Kbytes
Page   28 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash

AT90PWM216-16SUR Datasheet (PDF)

Go To PDF Page Download Datasheet
AT90PWM216-16SUR Datasheet PDF - ATMEL Corporation

Part # AT90PWM216-16SUR
Download  AT90PWM216-16SUR Click to download

File Size   962.31 Kbytes
Page   28 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash

AT90PWM216-16SUR Datasheet (HTML) - ATMEL Corporation


AT90PWM216-16SUR Product details

Overview
The AT90PWM216/316 are low-power CMOS 8-bit microcontrollers based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the AT90PWM216/316 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.
The AVR core combines a rich instruction set with 32 general purpose working registers. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs up to ten times faster than conventional CISC microcontrollers.

Features
• High Performance, Low Power AVR® 8-bit Microcontroller
• Advanced RISC Architecture
   – 129 Powerful Instructions - Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Fully Static Operation
   – Up to 1 MIPS throughput per MHz
   – On-chip 2-cycle Multiplier
• Data and Non-Volatile Program Memory
   – 16K Bytes Flash of In-System Programmable Program Memory
• Endurance: 10,000 Write/Erase Cycles
   – Optional Boot Code Section with Independent Lock Bits
• In-System Programming by On-chip Boot Program
• True Read-While-Write Operation
   – 512 Bytes of In-System Programmable EEPROM
• Endurance: 100,000 Write/Erase Cycles
   – 1024 Bytes Internal SRAM
   – Programming Lock for Flash Program and EEPROM Data Security
• On Chip Debug Interface (debugWIRE)
• Peripheral Features
   – Two or three 12-bit High Speed PSC (Power Stage Controllers) with 4-bit Resolution Enhancement
• Non Overlapping Inverted PWM Output Pins With Flexible Dead-Time
• Variable PWM duty Cycle and Frequency
• Synchronous Update of all PWM Registers
• Auto Stop Function for Event Driven PFC Implementation
• Less than 25Hz Step Width at 150kHz Output Frequency
• PSC2 with four Output Pins and Output Matrix
   – One 8-bit General purpose Timer/Counter with Separate Prescaler and Capture Mode
   – One 16-bit General purpose Timer/Counter with Separate Prescaler, Compare Mode and Capture Mode
   – Programmable Serial USART
• Standard UART mode
• 16/17 bit Biphase Mode for DALI Communications
   – Master/Slave SPI Serial Interface
   – 10-bit ADC
• Up To 11 Single Ended Channels and 2 Fully Differential ADC Channel Pairs
• Programmable Gain (5x, 10x, 20x, 40x on Differential Channels)
• Internal Reference Voltage
   – 10-bit DAC
   – Two or three Analog Comparator with Resistor-Array to Adjust Comparison Voltage
   – 4 External Interrupts
   – Programmable Watchdog Timer with Separate On-Chip Oscillator
• Special Microcontroller Features
   – Low Power Idle, Noise Reduction, and Power Down Modes
   – Power On Reset and Programmable Brown Out Detection
   – Flag Array in Bit-programmable I/O Space (4 bytes)
   – In-System Programmable via SPI Port
   – Internal Calibrated RC Oscillator (8 MHz)
   – On-chip PLL for fast PWM (32 MHz, 64 MHz) and CPU (16 MHz)
• Operating Voltage: 2.7V - 5.5V
• Extended Operating Temperature:
   – -40°C to +105°C




Similar Part No. - AT90PWM216-16SUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90PWM216-16SU ATMEL-AT90PWM216-16SU Datasheet
782Kb / 25P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM216-16SU ATMEL-AT90PWM216-16SU Datasheet
969Kb / 25P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM216-16SU ATMEL-AT90PWM216-16SU Datasheet
5Mb / 360P
8-bit Microcontroller with 16K Bytes In-System Programmable flash
More results


Similar Description - AT90PWM216-16SUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA48PV ATMEL-ATMEGA48PV_11 Datasheet
401Kb / 27P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA328P-20AU ATMEL-ATMEGA328P-20AU Datasheet
6Mb / 420P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10PU ATMEL-ATMEGA88PV-10PU Datasheet
6Mb / 420P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
AT90PWM216 ATMEL-AT90PWM216_14 Datasheet
4Mb / 344P
Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM316 ATMEL-AT90PWM316_14 Datasheet
962Kb / 28P
Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com