Electronic Components Datasheet Search
  English  ▼

X  

CXA2108AQ Datasheet (PDF) - Sony Corporation

CXA2108AQ Datasheet PDF - Sony Corporation
Part # CXA2108AQ
Download  CXA2108AQ Download

File Size   282.8 Kbytes
Page   27 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Constant-Current Driver for Full Color LED Display

CXA2108AQ Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA2108AQ Datasheet PDF - Sony Corporation

Part # CXA2108AQ
Download  CXA2108AQ Click to download

File Size   282.8 Kbytes
Page   27 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Constant-Current Driver for Full Color LED Display

CXA2108AQ Datasheet (HTML) - Sony Corporation


CXA2108AQ Product details

Description
The CXA2108AQ is a 1,024-gradation LED driver which is ideal for full color LED displays. This IC has 24 outputs and a maximum output current of 70mA. Time division allows driving of either two or six LEDs per output by connecting an external FET or other switch. The luminance (PWM) and drive current for each LED are set using the internal RAM. The LED type is common anode.

Features
• 24 outputs: 10-bit (1,024-gradation) PWM current outputs
• Maximum output current: 70mA
• LED type: Common anode
• 4-bit brightness function capable of switching the basic PWM pulse width in 16 steps
• Time division allows driving of up to six LEDs with a single output, making it possible to configure a high definition display with few driver ICs.
• Coarse Adj. (2 bits) and Fine Adj. (8 bits) output current adjustment for each LED makes it possible to drive R, G and B using the same output from the same IC. In addition, the characteristics variance of each LED can also be corrected.
• All luminance (PWM) data and drive current data are set by writing to the internal RAM.
• PWM emitting can be performed up to 15 times per frame to realize a screen with little flicker.
• Two built-in PWM data RAM make it possible to set the next luminance data even during PWM operation.
• Abnormal internal temperature detection circuit
• Single 5V power supply
• Current output with protection diode (diode cathode voltage: VPD can be supplied independently of the 5V power supply.)
• Surface mounting package (80-pin QFP)

Applications
    LED display panels




Similar Part No. - CXA2108AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2108 SONY-CXA2108 Datasheet
288Kb / 28P
   Constant-Current Driver for Full Color LED Display
CXA2108Q SONY-CXA2108Q Datasheet
288Kb / 28P
   Constant-Current Driver for Full Color LED Display
More results


Similar Description - CXA2108AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2108Q SONY-CXA2108Q Datasheet
288Kb / 28P
   Constant-Current Driver for Full Color LED Display
logo
Omron Electronics LLC
W2RV005RM OMRON-W2RV005RM Datasheet
470Kb / 6P
   Most Suitable Constant Current IC for Driving Full Color LED
logo
ShenZhen Jing Handa Ele...
P10-SIO JHD-P10-SIO Datasheet
95Kb / 2P
   Full-color outdoor LED Display
P6-SII JHD-P6-SII Datasheet
100Kb / 2P
   Full-Color Indoor LED Display
P10-SIO JHD-P10-SIO Datasheet
95Kb / 2P
   Full-Color outdoor LED Display
P16-SIO JHD-P16-SIO Datasheet
100Kb / 3P
   Full-Color outdoor LED Display
logo
Texas Instruments
TLC6C5712-Q1 TI1-TLC6C5712-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   12-Channel, Full-Diagnostic, Constant-Current-Sink LED Driver
TLC6C5716-Q1 TI1-TLC6C5716-Q1 Datasheet
627Kb / 49P
[Old version datasheet]   Automotive 16-Channel, Full Diagnostics, Constant-Current LED Driver
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com