Electronic Components Datasheet Search
  English  ▼

X  

MAX11205AEUB+ Datasheet (PDF) - Maxim Integrated Products

MAX11205AEUB+ Datasheet PDF - Maxim Integrated Products
Part # MAX11205AEUB+
Download  MAX11205AEUB+ Download
File Size   1694.62 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 16-Bit, Single-Channel, Ultra-Low Power, Delta-Sigma ADC with 2-Wire Serial Interface

MAX11205AEUB+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11205AEUB+ Datasheet PDF - Maxim Integrated Products

Part # MAX11205AEUB+
Download  MAX11205AEUB+ Click to download

File Size   1694.62 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 16-Bit, Single-Channel, Ultra-Low Power, Delta-Sigma ADC with 2-Wire Serial Interface

MAX11205AEUB+ Datasheet (HTML) - Maxim Integrated Products


MAX11205AEUB+ Product details

General Description
The MAX11205 is an ultra-low-power (< 300FA max active current), high-resolution, serial-output ADC. This device provides the highest resolution per unit power in the industry, and is optimized for applications that require very high dynamic range with low power such as sensors on a 4mA to 20mA industrial control loop. The MAX11205 provides a high-accuracy internal oscillator that requires no external components.

Features
♦ 16-Bit Full-Scale Resolution
♦ 720nVRMS Noise (MAX11205B)
♦ 3ppm INL
♦ No Missing Codes
♦ Ultra-Low-Power Dissipation
    Operating-Mode Current Drain < 300µA (max)
    Sleep-Mode Current Drain < 0.1µA
♦ 2.7V to 3.6V Analog Supply Voltage Range
♦ 1.7V to 3.6V Digital and I/O Supply Voltage Range
♦ Fully Differential Signal Inputs
♦ Fully Differential Reference Inputs
♦ Internal System Clock
    2.4576MHz (MAX11205A)
    2.2528MHz (MAX11205B)
♦ External Clock
♦ Serial 2-Wire Interface (Clock Input and Data Input)
♦ On-Demand Offset and Gain Self-Calibration
♦ -40°C to +85°C Operating Temperature Range
♦ ±2kV ESD Protection
♦ Lead(Pb)-Free and RoHS-Compliant µMAX Package

Applications
    Sensor Measurement (Temperature and Pressure)
    Portable Instrumentation
    Battery Applications
    Weigh Scales




Similar Part No. - MAX11205AEUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11205PMB1 MAXIM-MAX11205PMB1 Datasheet
1Mb / 7P
MAX11205PMB1 Peripheral Module
Rev 0; 5/12
More results


Similar Description - MAX11205AEUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MAX11202 MAXIM-MAX11202 Datasheet
1Mb / 14P
24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11208 MAXIM-MAX11208 Datasheet
1Mb / 14P
20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11212 MAXIM-MAX11212 Datasheet
1Mb / 14P
18-Bit, Single-Channel, Ultra-Low Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11201 MAXIM-MAX11201 Datasheet
1Mb / 14P
24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
Rev 0; 6/10
MAX11202 MAXIM-MAX11202_12 Datasheet
1Mb / 14P
24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11212 MAXIM-MAX11212_12 Datasheet
1Mb / 14P
18-Bit, Single-Channel, Ultra-Low Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11212 MAXIM-MAX11212_V01 Datasheet
944Kb / 14P
18-Bit, Single-Channel, Ultra-Low Power, Delta- Sigma ADC with 2-Wire Serial Interface
2018
MAX11208 MAXIM-MAX11208_V01 Datasheet
1Mb / 14P
20-Bit, Single-Channel, Ultra-Low-Power,Delta-Sigma ADC with 2-Wire Serial Interface
2021
MX7705 MAXIM-MX7705_V01 Datasheet
465Kb / 33P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com