Electronic Components Datasheet Search
  English  ▼

X  

DS8007A-EAG+ Datasheet (PDF) - Maxim Integrated Products

DS8007A-EAG+ Datasheet PDF - Maxim Integrated Products
Part # DS8007A-EAG+
Download  DS8007A-EAG+ Download
File Size   410.97 Kbytes
Page   41 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Multiprotocol Dual Smart Card Interface

DS8007A-EAG+ Datasheet (PDF)

Go To PDF Page Download Datasheet
DS8007A-EAG+ Datasheet PDF - Maxim Integrated Products

Part # DS8007A-EAG+
Download  DS8007A-EAG+ Click to download

File Size   410.97 Kbytes
Page   41 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Multiprotocol Dual Smart Card Interface

DS8007A-EAG+ Datasheet (HTML) - Maxim Integrated Products


DS8007A-EAG+ Product details

General Description
The DS8007A multiprotocol dual smart card interface is an automotive grade, low-cost, dual smart card reader interface supporting all ISO 7816, EMV™, and GSM11-11 requirements. Through its 8-bit parallel bus and dedicated address selects (AD3–AD0), the DS8007A can easily and directly connect to the nonmultiplexed bytewide bus of a Maxim secure microcontroller. Optionally, the parallel bus can be multiplexed to allow direct access to the multiplexed bus of an 80C51-compatible microcontroller through MOVX memory addressing.

Features
♦ Complete Interface/Control for Two Separate Smart Card Devices
♦ 8kV (min) ESD Protection on Card Interfaces
♦ Internal IC Card Supply Voltage Generation 5.0V ±5%, 65mA (max) 3.0V ±8%, 50mA (max) 1.8V ±10%, 30mA (max)
♦ Automatic Card Activation, Deactivation, and Data Communication Controlled by Dedicated Internal Sequencer
♦ Host Interface Through an 8-Bit Parallel Bus (UserSelectable Multiplexed or Nonmultiplexed Modes)
♦ Chip Select and Three-State Bus Allow Multiple Devices (Card Readers and Memories) on Bus
♦ 8-Character Receive FIFO with Optional Programmable Depth/Threshold
♦ I/O Interface Pin to External ISO 7816 UART
♦ Separate Card Clock Generation (Up to 10MHz) with 2x Frequency Doubling
♦ Selectable Card Clock Stop High, Stop Low, or Internally Generated 1.25MHz (for Card Power-Down)
♦ EMV-Certified Reference Design and Evaluation Kit Available (DS8007-KIT)

Applications
    Banking Applications (Point-of-Sale Terminals, Debit/Credit Payment Terminals, PIN Pads, Automated Teller Machines)
    Telecommunications
    Pay Television
    Access Control




Similar Part No. - DS8007A-EAG+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
DS8007 MAXIM-DS8007 Datasheet
331Kb / 41P
Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Rev 3; 7/11
logo
Dallas Semiconductor
DS8007-ENG DALLAS-DS8007-ENG Datasheet
350Kb / 41P
Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
DS8007-ENG MAXIM-DS8007-ENG Datasheet
331Kb / 41P
Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Rev 3; 7/11
logo
Dallas Semiconductor
DS8007-ENG+ DALLAS-DS8007-ENG+ Datasheet
350Kb / 41P
Multiprotocol Dual Smart Card Interface
More results


Similar Description - DS8007A-EAG+

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8007B PHILIPS-TDA8007B Datasheet
159Kb / 36P
Double multiprotocol IC card interface
2000 Nov 09
TDA8008 PHILIPS-TDA8008 Datasheet
68Kb / 12P
Dual multiprotocol smart card coupler
1999 Dec 14
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
Dual smart card interface
2001 Aug 15
logo
ATMEL Corporation
T83C5121 ATMEL-T83C5121_06 Datasheet
839Kb / 115P
8-bit Microcontroller with Multiprotocol Smart Card Interface
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
Smart Card Interface
Rev 1; 2/08
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
Smart Card Interface
logo
Maxim Integrated Produc...
DS8007 MAXIM-DS8007_11 Datasheet
331Kb / 41P
Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Rev 3; 7/11
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
Smart Card Interface
Rev 1; 4/13
logo
ON Semiconductor
NCN6804 ONSEMI-NCN6804 Datasheet
341Kb / 25P
Dual Smart Card Interface IC
December, 2008 ??Rev. 1
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com