Electronic Components Datasheet Search
  English  ▼

X  

B1000R Datasheet (PDF) - MicroPower Direct, LLC

B1000R Datasheet PDF - MicroPower Direct, LLC
Part # B1000R
Download  B1000R Download

File Size   69.34 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description 10W, 5 VDC Input Compact, Dual Output DC/DC Converters

B1000R Datasheet (PDF)

Go To PDF Page Download Datasheet
B1000R Datasheet PDF - MicroPower Direct, LLC

Part # B1000R
Download  B1000R Click to download

File Size   69.34 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description 10W, 5 VDC Input Compact, Dual Output DC/DC Converters

B1000R Datasheet (HTML) - MicroPower Direct, LLC




Similar Part No. - B1000R

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1000RW MPD-B1000RW Datasheet
74Kb / 2P
Compact 1 x 2 Inch 10W Wide Input Range DC/DC Converters
B1000RW MPD-B1000RW_14 Datasheet
187Kb / 2P
B1000RW SERIES
More results


Similar Description - B1000R

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPV10RHI MPD-MPV10RHI Datasheet
779Kb / 4P
Compact, 6:1 Input PV Power 5 & 10W DC/DC Converters
MPV1060 MPD-MPV1060 Datasheet
1Mb / 4P
Compact, 6:1 Input PV Power 5 & 10W DC/DC Converters
logo
Murata Manufacturing Co...
BWR-5 MURATA-BWR-5 Datasheet
151Kb / 5P
7-10W, Dual Output DC/DC converters
logo
Minmax Technology Co., ...
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
10W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
BWR-15 MURATA-BWR-15 Datasheet
151Kb / 5P
7-10W, Dual Output DC/DC converters
logo
MicroPower Direct, LLC
MR1011S MPD-MR1011S Datasheet
720Kb / 4P
Ultra-Wide Input, 10W Compact, Railway DC/DC Converters
logo
Minmax Technology Co., ...
MIW5000 MINMAX-MIW5000 Datasheet
243Kb / 8P
10W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A1100RW MPD-A1100RW Datasheet
171Kb / 2P
Miniature, 10W DIP Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
BWR-15-330-D48A-C MURATA-BWR-15-330-D48A-C Datasheet
151Kb / 5P
BWR Models 7-10W, Dual Output DC/DC converters
logo
Artesyn Technologies
BXA10 ARTESYN-BXA10 Datasheet
70Kb / 3P
8-10W Wide Input DC/DC Converters
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com