Electronic Components Datasheet Search
  English  ▼

X  

LM317H-XX-TR70 Datasheet (PDF) - TAITRON Components Incorporated

LM317H-XX-TR70 Datasheet PDF - TAITRON Components Incorporated
Part # LM317H-XX-TR70
Download  LM317H-XX-TR70 Download

File Size   375.07 Kbytes
Page   8 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description Adustable Positive Voltage Regulator

LM317H-XX-TR70 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM317H-XX-TR70 Datasheet PDF - TAITRON Components Incorporated

Part # LM317H-XX-TR70
Download  LM317H-XX-TR70 Click to download

File Size   375.07 Kbytes
Page   8 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description Adustable Positive Voltage Regulator

LM317H-XX-TR70 Datasheet (HTML) - TAITRON Components Incorporated


LM317H-XX-TR70 Product details

General Description
• The LM317 is an adjustable 3-terminal positive voltage regulator, designed to supply 1A of output current with voltage adjustable from 1.3V ~ 37V.
• The LM317 is available in SOT-223, D-PACK, TO-220 and D2-PACK packages.

Features
• Output Voltage adjustable from 1.3V ~ 37V
• Output current in excess of 1A
• Internal short circuit protection
• Internal over temperature protection
• Output transistors safe area compensation
• RoHS Compliance

Applications
• PC Motherboard
• LCD Monitor
• Graphic Card
• DVD Player
• Network Interface Card/Switch
• Telecom Equipment
• Printer and other Peripheral Equipment




Similar Part No. - LM317H-XX-TR70

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317H NSC-LM317H Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM317H NSC-LM317H Datasheet
1,013Kb / 28P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317H TI1-LM317H Datasheet
3Mb / 38P
[Old version datasheet]   LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
LM317H TI1-LM317H Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317H TI1-LM317H Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
More results


Similar Description - LM317H-XX-TR70

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LA317 TAITRON-LA317 Datasheet
436Kb / 9P
   1.0A Adustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
Rohm
BA00CC0WCP-V5 ROHM-BA00CC0WCP-V5 Datasheet
362Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch(Adustable Voltage)
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com