|
General description
The JN5189 and JN5189T (called JN5189 throughout this document) are ultra-low power,
high performance Arm® Cortex®-M4 based wireless microcontrollers supporting
ZigBee 3.0 networking stack to facilitate the development of Home Automation, Light Link
and Remote control applications.
The JN5189 includes a 2.4 GHz IEEE 802.15.4 compliant transceiver and a
comprehensive mix of analog and digital peripherals. Ultra-low current consumption in
both radio receive and transmit modes and also in the power down modes allow use of
coin cell batteries.
The product has 640 KB embedded Flash, 152 KB RAM memory. The embedded flash
can support Over The Air (OTA) code download of applications. The devices include
10-channel PWM, two timers, one RTC/alarm timer, a Windowed Watchdog Timer
(WWDT), two USARTs, two SPI interfaces, two I2C interfaces, a DMIC subsystem with
dual-channel PDM microphone interface with voice activity detector, one 12-bit ADC,
temperature sensor and comparator.
The JN5189T variant has an internal NFC tag and with connections to the external NFC
antenna.
The JN5188 variant has the same functionality as the JN5189 except for reduced memory
sizes of 320 KB embedded Flash, 88 KB RAM. The JN5188T variant has the functionality
of the JN5188 with the addition of an embedded NFC tag.
The Arm Cortex-M4 is a 32-bit core that offers system enhancements such as low power
consumption, enhanced debug features, and a high level support of the block integration.
The Arm Cortex-M4 CPU, operates at up to 48 MHz.
Radio features
2.4 GHz IEEE 802.15.4 2011 compliant
Receiver current 4.3 mA
IEEE 802.15.4 Receiver sensitivity 100 dBm
Improved co-existence with WiFi
Configurable transmit power up to +11 dBm, with 46 dB range
Transmit power / current +10 dBm / 20.28 mA
Transmit power / current +3 dBm / 9.44 mA
Transmit power / current 0 dBm / 7.36 mA
1.9 V to 3.6 V supply voltage
Antenna Diversity control
32 MHz XTAL cell with internal capacitors, able with suitable external XTAL to meet
the required accuracy for radio operation over the operating conditions
Integrated RF balun
Integrated ultra Low-power sleep oscillator
Deep Power-down current 350 nA (with wake-up from IO)
128-bit or 256-bit AES security processor
MAC accelerator with packet formatting, CRCs, address check, auto-acks, timers
Microcontroller features
Application CPU, Arm Cortex-M4 CPUs:
Arm Cortex-M4 processor, running at a frequency of up to 48 MHz.
Arm built-in Nested Vectored Interrupt Controller (NVIC)
Memory Protection Unit (MPU)
Non-maskable Interrupt (NMI) with a selection of sources
Serial Wire Debug (SWD) with 8 breakpoints and 4 watchpoints
System tick timer
Includes Serial Wire Output for enhanced debug capabilities.
On-Chip memory
640 KB flash (320 KB for JN5188)
152 KB SRAM (88 KB for JN5188)
12 MHz to 48 MHz system clock speed for low-power
2 x I2C-bus interface, operate as either master or slave
10 x PWM
2 x Low-power timers
2 x USART, one with flow control
2 x SPI-bus, master or slave
1 x PDM digital audio interface with a hardware based voice activity detector to reduce
power consumption in voice applications. Support for dual-channel microphone
interface, flexible decimators, 16 entry FIFOs and optional DC blocking.
19-channel DMA engine for efficient data transfer between peripherals and SRAM, or
SRAM to SRAM. DMA can operate with fixed or incrementing addresses. Operations
can be chained together to provide complex functionality with low CPU overhead.
Up to four GPIOs can be selected as pin interrupts (PINT), triggered by rising, falling or
both input edges.
Two GPIO grouped interrupts (GINT) enable an interrupt based on a logical (AND/OR)
combination of input states.
32-bit Real Time clock (RTC) with 1 s resolution. A timer in the RTC can be used to
wake from Sleep, Deep-sleep and Power-down, with 1 ms resolution
Voltage Brown Out with 8 programmable thresholds
8-input 12-bit ADC, 190 kS/sec. HW support for continuous operation or single
conversions, single or multiple inputs can be sampled within a sequence. DMA
operation can be linked to achieve low overhead operation.
1 x analog comparator
Battery and temperature sensors
Watchdog timer and POR
Standby power controller
Up to 22 Digital IOs (DIO)
1 x Quad SPIFI for accessing an external flash device either through register accesses
or for direct execution of code
NTAG NFC Forum Type 2 on JN5189T and JN5188T only
Random Number Generator engine
AES engine AES-128 to 256
Hash hardware accelerator support SHA-1 and SHA-256
EFuse:
128-bit random AES key
configuration modes
Trimming
ISO7816 smart card digital interface which with a suitable external analogue device
can operate as a smart card reader
Low power features
Sleep mode supported, one or both CPUs in low power state waiting for interrupt
Deep-sleep mode supported, both CPUs in low power state waiting for interrupt, but
extra functionality disabled or in low power state compared to sleep mode
Power Down mode, main functionality powered down, wakeup possible from IOs,
wakeup possible from some peripherals (I2C, USART, SPI) in a limited function mode
and low power timers
Deep -power down, very low power state with option of wake-up triggered by IOs, 350
nA
41-bit and 28-bit Low power timers can run in power down mode, clocked by 32 kHz
FRO or 32 kHz XTAL. Timers can run for over one year or 2 days
Applications
ZigBee 3.0, networks
Robust and secure Low-power wireless applications
Lighting and Home automation
ZigBee Light Link networks
|