Electronic Components Datasheet Search
  English  ▼

X  

IRFBC20S/LPBF Datasheet (PDF) - International Rectifier

IRFBC20S/LPBF Datasheet PDF - International Rectifier
Part # IRFBC20S/LPBF
Download  IRFBC20S/LPBF Download
File Size   381.21 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET Power MOSFET

IRFBC20S/LPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFBC20S/LPBF Datasheet PDF - International Rectifier

Part # IRFBC20S/LPBF
Download  IRFBC20S/LPBF Click to download

File Size   381.21 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET Power MOSFET

IRFBC20S/LPBF Datasheet (HTML) - International Rectifier


IRFBC20S/LPBF Product details

Description
Third generation HEXFETs from international Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The D2Pak is a surface mount power package capable ofthe accommodatingdie sizes up to HEX-4. It provides the highest power capability and the lowest possible on resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application. The through-hole version (IRFBC20L) is available for low-profile applications.

● Surface Mount (IRFBC20S)
● Low-profile through-hole (IRFBC20L)
● Available in Tape & Reel (IRFBC20S)
● Dynamic dv/dt Rating
● 150°C Operating Temperature
● Fast Switching
● Fully Avalanche Rated
● Lead-Free




Similar Part No. - IRFBC20S/LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBC20S IRF-IRFBC20S Datasheet
355Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A)
logo
Vishay Siliconix
IRFBC20S VISHAY-IRFBC20S Datasheet
247Kb / 8P
Power MOSFET
03-Jun-08
IRFBC20S VISHAY-IRFBC20S Datasheet
329Kb / 11P
Power MOSFET
30-May-11
IRFBC20S VISHAY-IRFBC20S Datasheet
310Kb / 11P
Power MOSFET
20-Sep-2021
IRFBC20SPBF VISHAY-IRFBC20SPBF Datasheet
247Kb / 8P
Power MOSFET
03-Jun-08
More results


Similar Description - IRFBC20S/LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com