Electronic Components Datasheet Search
  English  ▼

X  

LM78L12ACZ/LFT3 Datasheet (PDF) - Texas Instruments

LM78L12ACZ/LFT3 Datasheet PDF - Texas Instruments
Part # LM78L12ACZ/LFT3
Download  LM78L12ACZ/LFT3 Download
File Size   2136.67 Kbytes
Page   5 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM78L 100mA Fixed Output Linear Regulator

LM78L12ACZ/LFT3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM78L12ACZ/LFT3 Datasheet PDF - Texas Instruments

Part # LM78L12ACZ/LFT3
Download  LM78L12ACZ/LFT3 Click to download

File Size   2136.67 Kbytes
Page   5 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM78L 100mA Fixed Output Linear Regulator

LM78L12ACZ/LFT3 Datasheet (HTML) - Texas Instruments


LM78L12ACZ/LFT3 Product details

1 Features
• Input voltage: up to 30V operating
– New chip: 45V absolute maximum
– Legacy chip: 35V absolute maximum
• Available output voltages:
– New chip: 3.3V, 5V, 6V, 12V, 15V
– Legacy chip: 5V, 6.2V, 8.2V, 9V, 12V, 15V
• Output current: 100mA
• Internal thermal overload protection
• Output current limiting
• No external components required for stability
• Wide absolute maximum junction temperature:
– New chip: -40°C to 150°C
– Legacy chip: see the Absolute Maximum Ratings
• Package options:
– SOIC
– SOT-89 (new chip only)
– TO-92 (legacy chip only)
– DSBGA (legacy chip only)
• Refer to the Device Nomenclature table for information about legacy and new chip orderables

2 Applications
• Servo & stepper drives
• Battery chargers
• Portable instrumentation
• LED lighting
• Appliances

3 Description
The LM78L series (LM78Lxx throughout this document) of positive linear regulators is available with several fixed output voltages, making the devices useful in a wide range of applications. Used as a Zener-diode and resistor combination replacement, the LM78Lxx typically provides an effective output impedance improvement of two orders of magnitude and lower quiescent current. These regulators can provide local, on-card regulation, eliminating distribution problems associated with single-point regulation. The available voltages allow the LM78Lxx to be used in logic systems, instrumentation, industrial power delivery and more.
The LM78Lxx with new chip is available in SOIC (D) package and SOT-89 (PK) package. The LM78Lxx series regulators can deliver up to 100mA output current. Current limiting is included to limit the peak output current to a safe value. If internal power dissipation is too high, the thermal shutdown circuit prevents the IC from overheating.




Similar Part No. - LM78L12ACZ/LFT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM78L12ACZ/LFT3 TI1-LM78L12ACZ/LFT3 Datasheet
1,014Kb / 21P
LM78LXX Series 3-Terminal Positive Regulators
LM78L12ACZ/LFT3 TI1-LM78L12ACZ/LFT3 Datasheet
1,014Kb / 21P
LM78LXX Series 3-Terminal Positive Regulators
LM78L12ACZ/LFT3 TI2-LM78L12ACZ/LFT3 Datasheet
1Mb / 42P
LM78L 100mA Fixed Output Linear Regulator
REVISED FEBRUARY 2026
LM78L12ACZ/LFT3.B TI2-LM78L12ACZ/LFT3.B Datasheet
1Mb / 42P
LM78L 100mA Fixed Output Linear Regulator
REVISED FEBRUARY 2026
More results


Similar Description - LM78L12ACZ/LFT3

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
100mA Low Dropout Linear Regulator
logo
Analog Microelectronics
AME78LXX AME-AME78LXX Datasheet
167Kb / 15P
100mA Positive Linear Regulator
logo
Supertex, Inc
CL6 SUTEX-CL6 Datasheet
549Kb / 5P
Linear, Fixed, 100mA Constant Current LED Driver
logo
Infineon Technologies A...
TLE4275V33 INFINEON-TLE4275V33 Datasheet
319Kb / 12P
Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
logo
M.S. Kennedy Corporatio...
SM6801A MSK-SM6801A Datasheet
92Kb / 1P
Linear Constant Current LED Driver, Fixed 100mA
logo
SamHop Microelectronics...
SM6801A SAMHOP-SM6801A Datasheet
92Kb / 1P
Linear Constant Current LED Driver, Fixed 100mA
logo
Supertex, Inc
CL6 SUTEX-CL6_13 Datasheet
785Kb / 5P
Linear, Fixed, 100mA Constant Current LED Driver
logo
Rohm
BD00FA1WEFJ ROHM-BD00FA1WEFJ Datasheet
796Kb / 19P
100mA Variable Output LDO Regulator
logo
FutureWafer Tech Co.,Lt...
FW78L FUTUREWAFER-FW78L Datasheet
1Mb / 19P
100mA Fixed Output Linear Regulator
22-Jan-2022 V 2.0
logo
Texas Instruments
LM78L TI1-LM78L Datasheet
1Mb / 35P
LM78L 100-mA Fixed Output Linear Regulator
JUNE 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com