Electronic Components Datasheet Search
  English  ▼

X  

TS8/12 Datasheet (PDF) - ABB

TS8/12 Datasheet PDF - ABB
Part # TS8/12
Download  TS8/12 Download
File Size   779.31 Kbytes
Page   5 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description TS8/12 Non-inherently short-circuit proof bell transformer

TS8/12 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS8/12 Datasheet PDF - ABB

Part # TS8/12
Download  TS8/12 Click to download

File Size   779.31 Kbytes
Page   5 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description TS8/12 Non-inherently short-circuit proof bell transformer

TS8/12 Datasheet (HTML) - ABB


TS8/12 Product details

Extended Product Type: TS8/12
Product ID: 2CSM228685R0812
EAN: 8012542286851
Catalog Description: TS8/12 Non-inherently short-circuit proof bell transformer
Long Description: These transformers, with safety extremely-low voltage secondary
(SELV), are suitable for driving loads that call for a discontinuous
supply.
General Information




Similar Part No. - TS8/12

ManufacturerPart #DatasheetDescription
logo
ABB
TS8/24 ABB-TS8/24 Datasheet
795Kb / 5P
TS8/24 Non-inherently short-circuit proof bell transformer
11/29/2019
TS8/8 ABB-TS8/8 Datasheet
794Kb / 5P
TS8/8 Non-inherently short-circuit proof bell transformer
11/29/2019
More results


Similar Description - TS8/12

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
CL40V11-000 WABASH-CL40V11-000 Datasheet
776Kb / 2P
Class 2 UL5085-3 Transformer 40VA, Core 3/4', Non-Inherently Energy Limited
CL60H00-000 WABASH-CL60H00-000 Datasheet
862Kb / 2P
Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited
CL85R01-000 WABASH-CL85R01-000 Datasheet
629Kb / 2P
Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
logo
TT Electronics.
LOB TTELEC-LOB Datasheet
531Kb / 3P
Inherently non-inductive
logo
PHOENIX CONTACT
EMG10-OE-120AC PHOENIX-EMG10-OE-120AC Datasheet
93Kb / 5P
EMG-17-OV, short-circuit-proof with indicator LED
EMG10-OE-220DC PHOENIX-EMG10-OE-220DC Datasheet
83Kb / 5P
EMG-17-OV, short-circuit-proof with indicator LED
EMG12-OV-12DC PHOENIX-EMG12-OV-12DC Datasheet
70Kb / 4P
EMG-17-OV, short-circuit-proof with indicator LED
2980539 PHOENIX-2980539 Datasheet
98Kb / 7P
Short-circuit, surge, and overload-proof output
logo
Bel Fuse Inc.
CL2-20-12 BEL-CL2-20-12 Datasheet
844Kb / 2P
Inherently or Non-Inherently Limited
CL2-25-12 BEL-CL2-25-12 Datasheet
912Kb / 2P
Inherently or Non-Inherently Limited
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com