Electronic Components Datasheet Search
  English  ▼

X  

TRF0213RPVT/EM Datasheet (PDF) - Texas Instruments

TRF0213RPVT/EM Datasheet PDF - Texas Instruments
Part # TRF0213RPVT/EM
Download  TRF0213RPVT/EM Download
File Size   1605.28 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF0213-SEP Radiation Tolerant, Near-DC to > 14GHz, Single-Ended-to-Differential RF Amplifier

TRF0213RPVT/EM Datasheet (PDF)

Go To PDF Page Download Datasheet
TRF0213RPVT/EM Datasheet PDF - Texas Instruments

Part # TRF0213RPVT/EM
Download  TRF0213RPVT/EM Click to download

File Size   1605.28 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF0213-SEP Radiation Tolerant, Near-DC to > 14GHz, Single-Ended-to-Differential RF Amplifier

TRF0213RPVT/EM Datasheet (HTML) - Texas Instruments


TRF0213RPVT/EM Product details

1 Features
• Vendor item drawing number: VID V62/25656
• Radiation:
– Total ionizing dose (TID)
• Radiation hardness assurance (RHA) up to
30krad (Si) TID
• Enhanced low dose rate sensitivity (ELDRS)
free process
• High dose rate radiation lot acceptance
testing (HDR RLAT) up to 30krad (Si) TID
– Single event effects (SEE)
• Single event latch-up (SEL) immune
to linear energy transfer (LET) of
43MeV‑cm2/mg
• Single event transient (SET) characterized
to LET of 43MeV‑cm2/mg
• Space-enhanced plastic (Space EP, SEP)
– Lead-free construction
– Extended temperature range: –55°C to +125°C
• Single-ended input, differential output
• Excellent performance driving RF ADCs
• Fixed 14dB gain
• Bandwidth (3dB): >14GHz
• Gain flatness (1dB): 12GHz
• OIP3: 31dBm (4GHz), 31dBm (10GHz)
• OP1dB: 13.4dBm (4GHz), 15.4dBm (10GHz)
• NF: 8.9dB (4GHz), 10.6dB (10GHz)
• Gain and phase imbalance: ±0.3dB and ±3º
• Power-down feature
• 5V single-supply operation
• Active current: 174mA

2 Applications
• RF sampling or GSPS ADC driver
• Aerospace and defense
• Phased array radar
• Communications payload
• Radar imaging payload
• Radiation tolerant applications

3 Description
The TRF0213-SEP is a very high performance,
radio frequency (RF) amplifier optimized for RF
applications. This device is excellent for ac-coupled
applications that require a single-ended to differential
conversion when driving an RF sampling analog-todigital
converter (ADC) such as the high performance
AFE7950-SEP or ADC12DJ5200-SEP. The device
combines the functionality of a wide-band gain block
and a wide-band passive balun. The on-chip matching
components simplify printed circuit board (PCB)
implementation and provide the highest performance
over the usable bandwidth. The device is fabricated
in Texas Instruments’ advanced complementary
BiCMOS process and is available in a space-saving,
WQFN-FCRLF package.
The TRF0213-SEP operates on a single-rail supply
and consumes about 174mA of active current. A
power-down feature is also available for power
savings.




Similar Part No. - TRF0213RPVT/EM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF0213RPVT/EM TI2-TRF0213RPVT/EM Datasheet
1Mb / 30P
TRF0213-SEP Radiation Tolerant, Near-DC to > 14GHz, Single-Ended-to-Differential RF Amplifier
DECEMBER 2025
More results


Similar Description - TRF0213RPVT/EM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3217 TI1-THS3217 Datasheet
2Mb / 73P
THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
LMH9226 TI1-LMH9226 Datasheet
1Mb / 22P
LMH9226 Single-Ended to Differential 2.3-GHz to 2.9-GHz RF Amplifier With Balun
ADC128S102-SEP TI-ADC128S102-SEP Datasheet
995Kb / 23P
ADC128S102-SEP Radiation-Tolerant, 8-Channel, 50-kSPS to 1-MSPS, 12-Bit ADC
DECEMBER 2021
LMH5485-SEP TI-LMH5485-SEP Datasheet
1Mb / 35P
LMH5485-SEP Radiation Tolerant Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
logo
Renesas Technology Corp
ISL71934M RENESAS-ISL71934M Datasheet
2Mb / 17P
Radiation Tolerant SP2T RF Switch, 50MHz to 6000MHz
Feb 24, 2021
logo
Texas Instruments
SN54SC3T97-SEP TI-SN54SC3T97-SEP Datasheet
990Kb / 21P
SN54SC3T97-SEP Radiation Tolerant, Configurable Multiple-Function Gate
NOVEMBER 2023
SN54SC3T98-SEP TI-SN54SC3T98-SEP Datasheet
998Kb / 21P
SN54SC3T98-SEP Radiation Tolerant, Configurable Multiple-Function Gate
NOVEMBER 2023
LMH5485-SEP TI1-LMH5485-SEP_V01 Datasheet
1Mb / 31P
LMH5485-SEP Radiation Tolerant, Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
REVISED NOVEMBER 2022
SN54SC3T97-SEP TI1-SN54SC3T97-SEP_V01 Datasheet
1Mb / 25P
SN54SC3T97-SEP Radiation Tolerant, Configurable Multiple-Function Gate
NOVEMBER 2023
SN54SC3T98-SEP TI1-SN54SC3T98-SEP_V01 Datasheet
1Mb / 25P
SN54SC3T98-SEP Radiation Tolerant, Configurable Multiple-Function Gate
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com