Electronic Components Datasheet Search
  English  ▼

X  

MAX98357BETE+ Datasheet (PDF) - Analog Devices

MAX98357BETE+ Datasheet PDF - Analog Devices
Part # MAX98357BETE+
Download  MAX98357BETE+ Download
File Size   4762.84 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Tiny, Low-Cost, PCM Class D Amplifier with Class AB Performance

MAX98357BETE+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX98357BETE+ Datasheet PDF - Analog Devices

Part # MAX98357BETE+
Download  MAX98357BETE+ Click to download

File Size   4762.84 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Tiny, Low-Cost, PCM Class D Amplifier with Class AB Performance

MAX98357BETE+ Datasheet (HTML) - Analog Devices


MAX98357BETE+ Product details

Features
●● Single-Supply Operation (2.5V to 5.5V)
●● 3.2W Output Power into 4Ω at 5V
●● 2.4mA Quiescent Current
●● 92% Efficiency (RL = 8Ω, POUT = 1W)
●● 22.8μVRMS Output Noise (AV = 15dB)
●● Low 0.013% THD+N at 1kHz
●● No MCLK Required
●● Sample Rates of 8kHz to 96kHz
●● Supports Left, Right, or (Left/2 + Right/2) Output
●● Sophisticated Edge Rate Control Enables
Filterless Class D Outputs
●● 77dB PSRR at 1kHz
●● Low RF Susceptibility Rejects TDMA
Noise from GSM Radios
●● Extensive Click-and-Pop Reduction Circuitry
●● Robust Short-Circuit and Thermal Protection
●● Available in Space-Saving Packages:
1.345mm x 1.435mm WLP (0.4mm Pitch)
and 3mm x 3mm TQFN
●● Solution Size with Single Bypass Capacitor is
4.32mm2




Similar Part No. - MAX98357BETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98357BETE+ MAXIM-MAX98357BETE+ Datasheet
4Mb / 38P
Tiny, Low-Cost, PCM Class D Amplifier with Class AB Performance
2019
MAX98357BETE+T MAXIM-MAX98357BETE+T Datasheet
4Mb / 38P
Tiny, Low-Cost, PCM Class D Amplifier with Class AB Performance
2019
More results


Similar Description - MAX98357BETE+

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNAP01 SONIX-SNAP01 Datasheet
153Kb / 15P
Class AB Power Amplifier
logo
Anpec Electronics Corop...
APA2603A ANPEC-APA2603A Datasheet
607Kb / 28P
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
List of Unclassifed Man...
ISD8102 ETC2-ISD8102 Datasheet
719Kb / 19P
2W Class AB Audio Amplifier with Chip Enable
logo
Anpec Electronics Corop...
APA2603A ANPEC-APA2603A_18 Datasheet
514Kb / 28P
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
Diodes Incorporated
PAM8019 DIODES-PAM8019 Datasheet
776Kb / 12P
3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
Rev 1
logo
Shenzhenshi YONGFUKANG ...
CSC8005 YONGFUKANG-CSC8005 Datasheet
226Kb / 5P
AB/D class switching audio power amplifier
logo
Maxim Integrated Produc...
MAX98357A MAXIM-MAX98357A_V01 Datasheet
4Mb / 38P
Tiny, Low-Cost, PCM Class D Amplifier with Class AB Performance
2019
logo
AiT Semiconductor Inc.
A2230 AITSEMI-A2230 Datasheet
822Kb / 9P
AUDIO AMPLIFIER 1.7W CLASS-AB
REV2.1
logo
Analog Devices
MAX98363 AD-MAX98363 Datasheet
3Mb / 55P
Tiny, Cost-Effective, SoundWire, Class D Amplifier
19-101593; Rev 0; 12/22
logo
List of Unclassifed Man...
LTK8002D ETC-LTK8002D Datasheet
1Mb / 7P
Class AB Audio Amplifier
2014 V1.1
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com