Electronic Components Datasheet Search
  English  ▼

X  

MAX98303EWE+ Datasheet (PDF) - Analog Devices

MAX98303EWE+ Datasheet PDF - Analog Devices
Part # MAX98303EWE+
Download  MAX98303EWE+ Download
File Size   2236.15 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo 3.1W Class D Amplifier

MAX98303EWE+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX98303EWE+ Datasheet PDF - Analog Devices

Part # MAX98303EWE+
Download  MAX98303EWE+ Click to download

File Size   2236.15 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo 3.1W Class D Amplifier

MAX98303EWE+ Datasheet (HTML) - Analog Devices


MAX98303EWE+ Product details

Features
S Low Quiescent Current: 2.0mA at 3.7V, 2.7mA
at 5V
S Spread Spectrum and Active Emissions Limiting
S Five Pin-Selectable Gains
S Click-and-Pop Suppression
S Thermal and Overcurrent Protection
S Low-Current Shutdown Mode
S Space-Saving, 1.68mm x 1.68mm x 0.64mm,
16-Bump WLP (0.4mm Pitch)




Similar Part No. - MAX98303EWE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98303EVKIT MAXIM-MAX98303EVKIT Datasheet
989Kb / 6P
2.6V to 5.5V Single-Supply Operation
19-5599; Rev 0; 10/10
MAX98303EVKIT+ MAXIM-MAX98303EVKIT+ Datasheet
989Kb / 6P
Evaluation Kit
Rev 0; 10/10
MAX98303EVKIT+ MAXIM-MAX98303EVKIT+ Datasheet
989Kb / 6P
2.6V to 5.5V Single-Supply Operation
19-5599; Rev 0; 10/10
More results


Similar Description - MAX98303EWE+

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1722 MICROSEMI-LX1722 Datasheet
367Kb / 14P
Class-D Stereo Power Amplifier Controller
logo
Maxim Integrated Produc...
MAX98306_1108 MAXIM-MAX98306_1108 Datasheet
2Mb / 14P
Stereo 3.7W Class D Amplifier
Rev 1; 8/11
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
3.1W Stereo Filter-Free Class-D Audio Amplifier
NAU8224 ETC2-NAU8224 Datasheet
759Kb / 27P
3.1W Stereo Filter-Free Class-D Audio Amplifier with 2 wire interface gain control
NAU82011VG ETC2-NAU82011VG Datasheet
701Kb / 17P
3.1W Mono Filter-Free Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2071 ANPEC-APA2071_15 Datasheet
393Kb / 24P
Stereo 3.1W Non-inverting Audio Power Amplifier
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
Filterless, Stereo, Class-D Audio Amplifier
2/11-Rev. 0 to Rev. A
logo
Nuvoton Technology Corp...
NAU82011VG NUVOTON-NAU82011VG Datasheet
701Kb / 17P
3.1W Mono Filter-Free Class-D Audio Amplifier
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
3.1W Stereo Filter-Free Class-D Audio Amplifier
NAU8224 NUVOTON-NAU8224 Datasheet
759Kb / 27P
3.1W Stereo Filter-Free Class-D Audio Amplifier with 2 wire interface gain control
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com