Electronic Components Datasheet Search
  English  ▼

X  

MAX40025CAWT+ Datasheet (PDF) - Analog Devices

MAX40025CAWT+ Datasheet PDF - Analog Devices
Part # MAX40025CAWT+
Download  MAX40025CAWT+ Download
File Size   616.25 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 280ps High-Speed Comparator, Ultra-Low Dispersion with LVDS Outputs

MAX40025CAWT+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX40025CAWT+ Datasheet PDF - Analog Devices

Part # MAX40025CAWT+
Download  MAX40025CAWT+ Click to download

File Size   616.25 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 280ps High-Speed Comparator, Ultra-Low Dispersion with LVDS Outputs

MAX40025CAWT+ Datasheet (HTML) - Analog Devices


MAX40025CAWT+ Product details

Features
● Fast Propagation Delay: 280ps, Typ
● Low Overdrive Dispersion: 25ps (VOD = 10mV to 1V)
● Supply Voltage 2.7V to 3.6V
● 39.4mW at 2.7V Supply
● Power-Efficient LVDS Outputs
● -40°C to +125°C Temperature Range
● Automotive AEC-Q100 Qualified (TDFN-8 Version)
● Internal 1.5mV Hysteresis: MAX40026
● Internal 2.5mV Hysteresis: MAX40025A




Similar Part No. - MAX40025CAWT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40025CAWT+ MAXIM-MAX40025CAWT+ Datasheet
615Kb / 17P
280ps High-Speed Comparator, Ultra-Low Dispersion with LVDS Outputs
2019
More results


Similar Description - MAX40025CAWT+

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH7220 NSC-LMH7220 Datasheet
867Kb / 19P
High Speed Comparator with LVDS Output
LMH7220 NSC-LMH7220_08 Datasheet
1Mb / 20P
High Speed Comparator with LVDS Output
LMH7220_0805 NSC-LMH7220_0805 Datasheet
1Mb / 20P
High Speed Comparator with LVDS Output
logo
Linear Technology
LTC6754 LINER-LTC6754 Datasheet
1Mb / 22P
High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
logo
Maxim Integrated Produc...
MAX40025C MAXIM-MAX40025C Datasheet
640Kb / 17P
280ps High-Speed Comparator, Ultra-Low Dispersion with LVDS Outputs
Rev 2; 1/19
logo
Texas Instruments
TLV3604 TI-TLV3604_V01 Datasheet
1Mb / 27P
TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
TLV3801 TI-TLV3801 Datasheet
2Mb / 25P
TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
DECEMBER 2021
logo
Maxim Integrated Produc...
MAX40025A MAXIM-MAX40025A Datasheet
615Kb / 17P
280ps High-Speed Comparator, Ultra-Low Dispersion with LVDS Outputs
2019
logo
Texas Instruments
TLV3801-Q1 TI-TLV3801-Q1 Datasheet
2Mb / 27P
TLV3801-Q1 225-ps High-Speed Comparator with LVDS Outputs
OCTOBER 2022
TLV3801 TI-TLV3801_V01 Datasheet
2Mb / 32P
TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
REVISED OCTOBER 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com