Electronic Components Datasheet Search
  English  ▼

X  

MAX9938FEUK+ Datasheet (PDF) - Analog Devices

MAX9938FEUK+ Datasheet PDF - Analog Devices
Part # MAX9938FEUK+
Download  MAX9938FEUK+ Download
File Size   1385.78 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier

MAX9938FEUK+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9938FEUK+ Datasheet PDF - Analog Devices

Part # MAX9938FEUK+
Download  MAX9938FEUK+ Click to download

File Size   1385.78 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier

MAX9938FEUK+ Datasheet (HTML) - Analog Devices


MAX9938FEUK+ Product details

Features
●● Ultra-Low Supply Current of 1μA (max)
●● Low 500μV (max) Input Offset Voltage
●● Low < 0.5% (max) Gain Error
●● Input Common Mode: +1.6V to +28V
●● Voltage Output
●● Four Gain Versions Available
• +25V/V (MAX9938T)
• 50V/V (MAX9938F)
• 100V/V (MAX9938H)
• 200V/V (MAX9938W)
●● Tiny 1mm x 1mm x 0.6mm, 4-Bump UCSP, 5-Pin
SOT23, or 2mm x 2mm x 0.8mm, 6-Pin μDFN
Packages




Similar Part No. - MAX9938FEUK+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9938FEUK+ MAXIM-MAX9938FEUK+ Datasheet
310Kb / 13P
1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9938FEUK+ MAXIM-MAX9938FEUK+ Datasheet
519Kb / 14P
1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938FEUK+ MAXIM-MAX9938FEUK+ Datasheet
1Mb / 15P
nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2017
More results


Similar Description - MAX9938FEUK+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
logo
Touchstone Semiconducto...
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44286 MAXIM-MAX44286 Datasheet
715Kb / 11P
Low-Power, Precision, 4-Bump WLP, Current-Sense Amplifier
2014
MAX9634 MAXIM-MAX9634_V01 Datasheet
1Mb / 9P
nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2021
MAX9938 MAXIM-MAX9938_V01 Datasheet
1Mb / 15P
nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com