Electronic Components Datasheet Search
  English  ▼

X  

MAX9812LEXT+T Datasheet (PDF) - Analog Devices

MAX9812LEXT+T Datasheet PDF - Analog Devices
Part # MAX9812LEXT+T
Download  MAX9812LEXT+T Download
File Size   280.29 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias

MAX9812LEXT+T Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9812LEXT+T Datasheet PDF - Analog Devices

Part # MAX9812LEXT+T
Download  MAX9812LEXT+T Click to download

File Size   280.29 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias

MAX9812LEXT+T Datasheet (HTML) - Analog Devices


MAX9812LEXT+T Product details

Features
 PC2001 Compliant
 100dB at 217Hz Power-Supply Rejection Ratio
 Very Low 230μA Quiescent Current
 Low 0.015% THD+N
 Available in Two Versions
MAX9812L/MAX9813L—2.7V to 3.6V
MAX9812H/MAX9813H—4.5V to 5.5V
 Internal Low-Noise Microphone Bias Supply
2.3V for MAX9812L/MAX9813L
4.0V for MAX9812H/MAX9813H
 100nA Low-Power Shutdown Mode
 Rail-to-Rail Outputs
 20dB Fixed Gain
 Available in Tiny 6-Pin SC70 (2mm x 2.1mm) and
8-Pin SOT23 (3mm x 3mm) Packages
 Extended Temperature Range -40°C to +85°C




Similar Part No. - MAX9812LEXT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9812LEXT+T MAXIM-MAX9812LEXT+T Datasheet
280Kb / 10P
Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
2014
More results


Similar Description - MAX9812LEXT+T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
Fixed-Gain Amplifiers
logo
Dallas Semiconductor
MAX9812 DALLAS-MAX9812 Datasheet
309Kb / 11P
Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_06 Datasheet
337Kb / 13P
450MHz Fixed Gain Amplifiers with Enable
June 15, 2006
logo
National Semiconductor ...
LMV101 NSC-LMV101_00 Datasheet
772Kb / 12P
Fixed-Gain Amplifiers
logo
Intersil Corporation
EL5108 INTERSIL-EL5108 Datasheet
492Kb / 12P
450MHz Fixed Gain Amplifiers with Enable
August 10, 2010
logo
Maxim Integrated Produc...
MAX9812 MAXIM-MAX9812 Datasheet
245Kb / 10P
Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Rev 2; 9/12
MAX9812HEXT MAXIM-MAX9812HEXT Datasheet
245Kb / 10P
Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Rev 2; 9/12
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
350MHz Fixed Gain Amplifiers with Enable
logo
Maxim Integrated Produc...
MAX9812 MAXIM-MAX9812_V01 Datasheet
280Kb / 10P
Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
2014
MAX40079 MAXIM-MAX40079 Datasheet
1Mb / 18P
Single/Dual/Quad Ultra-Low Input Bias Current, Low-Noise Amplifiers
2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com