Electronic Components Datasheet Search
  English  ▼

X  

MAX9728BEUD+ Datasheet (PDF) - Analog Devices

MAX9728BEUD+ Datasheet PDF - Analog Devices
Part # MAX9728BEUD+
Download  MAX9728BEUD+ Download
File Size   308.71 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown

MAX9728BEUD+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9728BEUD+ Datasheet PDF - Analog Devices

Part # MAX9728BEUD+
Download  MAX9728BEUD+ Click to download

File Size   308.71 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown

MAX9728BEUD+ Datasheet (HTML) - Analog Devices


MAX9728BEUD+ Product details

Features
♦ No Bulky DC-Blocking Capacitors Required
♦ Low-Power Shutdown Mode, < 0.1μA
♦ Adjustable Gain (MAX9728A) or Fixed -1.5V/V
Gain (MAX9728B)
♦ Low 0.02% THD+N
♦ High PSRR (80dB at 1kHz) Eliminates LDO
♦ Integrated Click-and-Pop Suppression
♦ 4.5V to 5.5V Single-Supply Operation
♦ Low Quiescent Current (3.5mA)
♦ Available in Space-Saving Packages
12-Pin Thin QFN (3mm x 3mm x 0.8mm)
14-Pin TSSOP (5mm x 4.4mm x 1.1mm)




Similar Part No. - MAX9728BEUD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9728BEUD+ MAXIM-MAX9728BEUD+ Datasheet
287Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728BEUD+ MAXIM-MAX9728BEUD+ Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
More results


Similar Description - MAX9728BEUD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX9722A MAXIM-MAX9722A Datasheet
627Kb / 20P
5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 0; 10/03
MAX9724A MAXIM-MAX9724A Datasheet
777Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX9722A MAXIM-MAX9722A_07 Datasheet
498Kb / 21P
5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 2; 10/07
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9724A MAXIM-MAX9724A_08 Datasheet
491Kb / 22P
60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 5; 3/08
MAX9724A MAXIM-MAX9724A_09 Datasheet
418Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 6; 3/09
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com