Electronic Components Datasheet Search
  English  ▼

X  

MS217765+RC Datasheet (PDF) - Elma Electronic Ltd

MS217765+RC Datasheet PDF - Elma Electronic Ltd
Part # MS217765+RC
Download  MS217765+RC Download
File Size   503.0 Kbytes
Page   2 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description VITA 62 Power Supply Module

MS217765+RC Datasheet (PDF)

Go To PDF Page Download Datasheet
MS217765+RC Datasheet PDF - Elma Electronic Ltd

Part # MS217765+RC
Download  MS217765+RC Click to download

File Size   503.0 Kbytes
Page   2 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description VITA 62 Power Supply Module

MS217765+RC Datasheet (HTML) - Elma Electronic Ltd


MS217765+RC Product details

Features
• 6U x 5HP plug-in module with VITA 62 compliant connector and guide
pins with screw-lock ejector handles
• 5 segment locking card retainers for increased thermal performance
• Up to 700W output power (final output power is dependent on final configuration)
• No minimum load requirements and and > 80% efficiency
• Voltage rise-time control (DC version only)
• Front panel status LEDs




Similar Part No. - MS217765+RC

ManufacturerPart #DatasheetDescription
logo
Elma Electronic Ltd
MS217765+RC ELMA-MS217765+RC Datasheet
502Kb / 2P
VITA 62 Power Supply Module
More results


Similar Description - MS217765+RC

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SP9909 BOTHHAND-SP9909 Datasheet
46Kb / 1P
40~62 Watts Switching Power Supply
logo
HITRON ELECTRONICS CORP...
HAV1000 HITRON-HAV1000 Datasheet
375Kb / 3P
VITA 62 Compliant 6U 8HP or 10HP
logo
Eaton All Rights Reserv...
XLM-62R1137A-R EATON-XLM-62R1137A-R Datasheet
250Kb / 3P
62 V Module
logo
Vicor Corporation
VIT028WXX600YZZZ VICOR-VIT028WXX600YZZZ Datasheet
3Mb / 26P
VITA 62 DC-DC Converter
VIT270WXX600YZZZ VICOR-VIT270WXX600YZZZ Datasheet
1Mb / 18P
VITA 62 DC-DC Converter
logo
Festo Corporation.
576569 FESTO-576569 Datasheet
85Kb / 1P
Power supply module
8/7/22
560950 FESTO-560950 Datasheet
79Kb / 1P
Power supply module
8/8/22
560952 FESTO-560952 Datasheet
82Kb / 1P
Power supply module
8/8/22
560953 FESTO-560953 Datasheet
83Kb / 1P
Power supply module
8/8/22
logo
Amphenol SV Microwave
SF9321-60059 SVMICROWAVE-SF9321-60059 Datasheet
100Kb / 1P
VITA 67.3 BACKPLANE 10 PORT MODULE
REV.A 11/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com