Electronic Components Datasheet Search
  English  ▼

X  

LM4766T/NOPB Datasheet (PDF) - Texas Instruments

LM4766T/NOPB Datasheet PDF - Texas Instruments
Part # LM4766T/NOPB
Download  LM4766T/NOPB Download
File Size   921.39 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4766 Overture™ Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute

LM4766T/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4766T/NOPB Datasheet PDF - Texas Instruments

Part # LM4766T/NOPB
Download  LM4766T/NOPB Click to download

File Size   921.39 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4766 Overture™ Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute

LM4766T/NOPB Datasheet (HTML) - Texas Instruments


LM4766T/NOPB Product details

1FEATURES
23• SPiKe Protection
• Minimal Amount of External Components
Necessary
• Quiet Fade-In/Out Mute Mode
• Non-Isolated 15-Lead TO-220 Package
• Wide Supply Range 20V - 78V

APPLICATIONS
• High-End Stereo TVs
• Component Stereo
• Compact Stereo

KEY SPECIFICATIONS
• THD+N at 1kHz at 2 x 30W Continuous
Average Output Power Into 8Ω 0.1% (Max)
• THD+N at 1kHz at Continuous Average Output
Power of 2 x 30W Into 8Ω 0.009% (Typ)

DESCRIPTION
The LM4766 is a stereo audio amplifier capable of
delivering typically 40W per channel with the non-
isolated "NDL" package and 30W per channel with
the isolated "NDB" package of continuous average
output power into an 8Ω load with less than 0.1%
(THD+N).
The performance of the LM4766, utilizing its Self
Peak Instantaneous Temperature (°Ke) (SPiKe)
Protection Circuitry, places it in a class above
discrete and hybrid amplifiers by providing an
inherently, dynamically protected Safe Operating
Area (SOA). SPiKe Protection means that these parts
are safeguarded at the output against overvoltage,
undervoltage, overloads, including thermal runaway
and instantaneous temperature peaks.
Each amplifier within the LM4766 has an independent
smooth transition fade-in/out mute that minimizes output pops. The IC's extremely low noise floor at
2μV and its extremely low THD+N value of 0.06% at
the rated power make the LM4766 optimum for highend
stereo TVs or minicomponent systems.




Similar Part No. - LM4766T/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4766T/NOPB TI-LM4766T/NOPB Datasheet
955Kb / 23P
Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
More results


Similar Description - LM4766T/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM4700 NSC-LM4700 Datasheet
529Kb / 15P
Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4701 NSC-LM4701 Datasheet
541Kb / 15P
LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4766 NSC-LM4766 Datasheet
477Kb / 14P
Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4781 NSC-LM4781 Datasheet
1Mb / 25P
Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
LM2876 NSC-LM2876_00 Datasheet
658Kb / 22P
Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM4766 NSC-LM4766_06 Datasheet
983Kb / 19P
Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4765 TI1-LM4765 Datasheet
817Kb / 24P
LM4765 Overture??Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com