Electronic Components Datasheet Search
  English  ▼

X  

SM72482MA-4/NOPB Datasheet (PDF) - Texas Instruments

SM72482MA-4/NOPB Datasheet PDF - Texas Instruments
Part # SM72482MA-4/NOPB
Download  SM72482MA-4/NOPB Download
File Size   462.39 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 5A Compound Gate Driver

SM72482MA-4/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
SM72482MA-4/NOPB Datasheet PDF - Texas Instruments

Part # SM72482MA-4/NOPB
Download  SM72482MA-4/NOPB Click to download

File Size   462.39 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 5A Compound Gate Driver

SM72482MA-4/NOPB Datasheet (HTML) - Texas Instruments


SM72482MA-4/NOPB Product details

1FEATURES
2• Renewable Energy Grade
• Independently Drives Two N-Channel
MOSFETs
• Compound CMOS and Bipolar Outputs Reduce
Output Current Variation
• 5A Sink, 3A Source Current Capability
• Two Channels Can be Connected in Parallel to
Double the Drive Current
• Independent Inputs (TTL Compatible)
• Fast Propagation Times (25 ns Typical)
• Fast Rise and Fall Times (14 ns Rise, 12 ns
Fall With 2 nF Load)
• Available in Dual Noninverting, Dual Inverting,
and Combination Configurations
• Supply Rail Under-Voltage Lockout Protection
(UVLO)
• SM72482 UVLO Configured to Drive PFET
Through OUT_A and NFET Through OUT_B
• Pin Compatible With Industry Standard Gate
Drivers
• Packages
– SOIC
– Thermally Enhanced VSSOP

APPLICATIONS
• Synchronous Rectifier Gate Drivers
• Switch-mode Power Supply Gate Driver
• Solenoid and Motor Drivers

DESCRIPTION
The SM72482 Dual Gate Driver replaces industry
standard gate drivers with improved peak output
current and efficiency. Each “compound” output driver
stage includes MOS and bipolar transistors operating
in parallel that together sink more than 5A peak from
capacitive loads. Combining the unique
characteristics of MOS and bipolar devices reduces
drive current variation with voltage and temperature.
Under-voltage lockout protection is also provided.
The drivers can be operated in parallel with inputs
and outputs connected to double the drive current
capability. This device is available in the SOIC
package.




Similar Part No. - SM72482MA-4/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM72482MA-4/NOPB TI-SM72482MA-4/NOPB Datasheet
731Kb / 15P
Dual 5A Compound Gate Driver
More results


Similar Description - SM72482MA-4/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5111 NSC-LM5111 Datasheet
205Kb / 10P
Dual 5A Compound Gate Driver
LM5110 NSC-LM5110 Datasheet
269Kb / 13P
Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Zetex Semiconductors
ZXGD3003E6 ZETEX-ZXGD3003E6 Datasheet
382Kb / 8P
5A(peak) gate driver
logo
National Semiconductor ...
SM72482 NSC-SM72482 Datasheet
329Kb / 12P
SolarMagic Dual 5A Compound Gate Driver
logo
Texas Instruments
LM5111 TI-LM5111 Datasheet
895Kb / 19P
LM5111 Dual 5A Compound Gate Driver
LM5110-1M TI-LM5110-1M Datasheet
876Kb / 18P
LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
SM72482 TI-SM72482_15 Datasheet
731Kb / 15P
Dual 5A Compound Gate Driver
LM5110 TI-LM5110_15 Datasheet
960Kb / 20P
Dual 5A Compound Gate Driver with Negative Output Voltage Capability
LM5111 TI-LM5111_15 Datasheet
859Kb / 18P
LM5111 Dual 5A Compound Gate Driver
logo
Diodes Incorporated
ZXGD3003E6Q DIODES-ZXGD3003E6Q Datasheet
885Kb / 8P
40V 5A GATE DRIVER IN SOT26
February 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com