Electronic Components Datasheet Search
  English  ▼

X  

HA2-5002/883 Datasheet (PDF) - Renesas Technology Corp

HA2-5002/883 Datasheet PDF - Renesas Technology Corp
Part # HA2-5002/883
Download  HA2-5002/883 Download
File Size   318.84 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Monolithic, Wideband, High Slew Rate, High Output Current Buffer

HA2-5002/883 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA2-5002/883 Datasheet PDF - Renesas Technology Corp

Part # HA2-5002/883
Download  HA2-5002/883 Click to download

File Size   318.84 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Monolithic, Wideband, High Slew Rate, High Output Current Buffer

HA2-5002/883 Datasheet (HTML) - Renesas Technology Corp


HA2-5002/883 Product details

Features
• This Circuit is Processed in Accordance to MIL-STD-883
and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Voltage Gain (RL = 1k) . . . . . . . . . . . . . . . . . . 0.98 (Min)
0.995 (Typ)
(RL = 100) . . . . . . . . . . . . . . . . . 0.96 (Min)
0.971 (Typ)
• High Input Impedance . . . . . . . . . . . . . . . . . . 1.5M (Min)
3M (Typ)
• Low Output Impedance . . . . . . . . . . . . . . . . . . . 5 (Max)
3 (Typ)
• Very High Slew Rate . . . . . . . . . . . . . . . . .1000V/s (Min)
1300V/s (Typ)
• Wide Small Signal Bandwidth . . . . . . . . . . .110MHz (Typ)
• High Output Current . . . . . . . . . . . . . . . . . . . .100mA (Min)
• High Pulsed Output Current . . . . . . . . . . . . . 400mA (Max)
• Monolithic Dielectric Isolation Construction
• Replaces Hybrid LH0002




Similar Part No. - HA2-5002/883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2-5002/883 INTERSIL-HA2-5002/883 Datasheet
215Kb / 7P
Monolithic, Wideband, High Slew Rate, High Output Current Buffer
January 5, 2006
More results


Similar Description - HA2-5002/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC404 NSC-CLC404 Datasheet
374Kb / 6P
Wideband, High-Slew Rate, Monolithic Op Amp
logo
Intersil Corporation
HA-2842 INTERSIL-HA-2842 Datasheet
275Kb / 13P
Wideband, High Slew Rate, High Output Current, Video Operational Amplifier
July 1994
HA-5002 INTERSIL-HA-5002 Datasheet
820Kb / 13P
110MHz, High Slew Rate, High Output Current Buffer
November 1998
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
Uncompensated, High Slew Rate High Output Current, Operational Amplifier
July 1997
HA-5002883 INTERSIL-HA-5002883 Datasheet
46Kb / 6P
Monolithic, Wideband, High Slew Rate, High Output Current Buffer
October 26, 2004
HA-5002 INTERSIL-HA-5002_06 Datasheet
857Kb / 14P
110MHz, High Slew Rate, High Output Current Buffer
March 8, 2006
HA-5002883 INTERSIL-HA-5002883_06 Datasheet
215Kb / 7P
Monolithic, Wideband, High Slew Rate, High Output Current Buffer
January 5, 2006
HA2-5002-2 INTERSIL-HA2-5002-2 Datasheet
830Kb / 12P
110MHz, High Slew Rate, High Output Current Buffer
October 18, 2013
logo
Texas Instruments
CLC404 TI1-CLC404 Datasheet
391Kb / 10P
Wideband, High Slew Rate, Monolithic Op Amp
logo
Renesas Technology Corp
HA-5002 RENESAS-HA-5002 Datasheet
1Mb / 12P
110MHz, High Slew Rate, High Output Current Buffer
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com