Electronic Components Datasheet Search
  English  ▼

X  

KA317HV Datasheet (PDF) - Fairchild Semiconductor

KA317HV Datasheet PDF - Fairchild Semiconductor
Part # KA317HV
Download  KA317HV Download
File Size   53.11 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal Positive Adjustable Regulator

KA317HV Datasheet (PDF)

Go To PDF Page Download Datasheet
KA317HV Datasheet PDF - Fairchild Semiconductor

Part # KA317HV
Download  KA317HV Click to download

File Size   53.11 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal Positive Adjustable Regulator

KA317HV Datasheet (HTML) - Fairchild Semiconductor


KA317HV Product details

Description
This monolithic integrated circuit is an adjustable 3-terminal positive voltage regulator designed to supply more than 1.5A of load current with an output voltage adjustable over a 1.2 to 57V. It employs internal current limiting, thermal shut down and safe area compensation.

Features
• Output Current In Excess of 1. 5A
• Output Adjustable Between 1. 2V and 57V
• Internal Thermal Overload Protection
• Internal Short Circuit Current Limiting
• Output Transistor Safe Area Compensation
• TO-220 Package




Similar Part No. - KA317HV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA317 FAIRCHILD-KA317 Datasheet
67Kb / 6P
Adjustable Voltage Regulator (Positive)
KA317 FAIRCHILD-KA317 Datasheet
36Kb / 5P
3-Terminal 0.1A Positive Adjustable Regulator
KA317 FAIRCHILD-KA317 Datasheet
49Kb / 8P
3-Terminal Positive Adjustable Regulator
KA317 FAIRCHILD-KA317 Datasheet
106Kb / 6P
3-Terminal Positive Adjustable Regulator
KA317AHV FAIRCHILD-KA317AHV Datasheet
47Kb / 6P
3-Terminal Positive Adjustable Regulator
More results


Similar Description - KA317HV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM317AHV FAIRCHILD-LM317AHV Datasheet
47Kb / 6P
3-Terminal Positive Adjustable Regulator
LM317AHV FAIRCHILD-LM317AHV_09 Datasheet
132Kb / 6P
3-Terminal Positive Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317S TGS-LM317S Datasheet
109Kb / 1P
3-Terminal Positive Adjustable Regulator
logo
NEC
UPC317 NEC-UPC317 Datasheet
71Kb / 6P
3-TERMINAL POSITIVE ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317MDT TGS-LM317MDT Datasheet
51Kb / 1P
3-Terminal Positive Adjustable Regulator
LM317T TGS-LM317T Datasheet
76Kb / 1P
3-Terminal Positive Adjustable Regulator
logo
Fairchild Semiconductor
KA317AHV FAIRCHILD-KA317AHV Datasheet
47Kb / 6P
3-Terminal Positive Adjustable Regulator
KA317 FAIRCHILD-KA317 Datasheet
49Kb / 8P
3-Terminal Positive Adjustable Regulator
KA317 FAIRCHILD-KA317_09 Datasheet
106Kb / 6P
3-Terminal Positive Adjustable Regulator
KA317TU FAIRCHILD-KA317TU Datasheet
106Kb / 6P
3-Terminal Positive Adjustable Regulator
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com