Electronic Components Datasheet Search
  English  ▼

X  

HT49RA0 Datasheet (PDF) - Holtek Semiconductor Inc

HT49RA0 Datasheet PDF - Holtek Semiconductor Inc
Part # HT49RA0
Download  HT49RA0 Download

File Size   294.01 Kbytes
Page   39 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Remote Type 8-Bit MCU with LCD

HT49RA0 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT49RA0 Datasheet PDF - Holtek Semiconductor Inc

Part # HT49RA0
Download  HT49RA0 Click to download

File Size   294.01 Kbytes
Page   39 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Remote Type 8-Bit MCU with LCD

HT49RA0 Datasheet (HTML) - Holtek Semiconductor Inc


HT49RA0 Product details

General Description
The HT49RA0/HT49CA0 are 8-bit high performance, RISC architecture microcontroller devices specifically designed for multiple I/O control product applications. The mask version HT49CA0 is fully pin and functionally compatible with the OTP version HT49RA0 device.
The advantages of low power consumption, I/O flexibility, timer functions, oscillator options, watchdog timer, HALT and wake-up functions, as well as low cost, enhance the versatility of this device to suit a wide range of application possibilities such as industrial control, consumer products, and particularly suitable for use in products such as infrared LCD remote controllers and various subsystem controllers.
The HT49CA0 is under development and will be available soon.

Features
• Operating voltage: 2.0V~3.6V
• 8 bidirectional I/O lines and 8 input lines
• Two external interrupt input
• One 8-bit programmable timer/event counter
• LCD driver with 212, 213 or 204 segments
• 2K14 program memory
• 968 data memory RAM
• Real Time Clock (RTC)
• 8-bit prescaler for RTC
• One carrier output (1/2 or 1/3 duty)
• Software LCD, RTC control
• On-chip RC and 32768Hz crystal oscillator
• Watchdog Timer
• HALT function and wake-up feature reduce power consumption
• 4-level subroutine nesting
• Bit manipulation instruction
• 14-bit table read instruction
• Up to 1μs instruction cycle with 4MHz system clock
• 63 powerful instructions
• All instructions in 1 or 2 machine cycles
• Low voltage reset/detector function
• 52-pin QFP package




Similar Part No. - HT49RA0

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49RA0-6 HOLTEK-HT49RA0-6 Datasheet
329Kb / 49P
   Remote Type 8-Bit MCU with LCD
HT49RA0 HOLTEK-HT49RA0_14 Datasheet
352Kb / 40P
   Remote Type 8-Bit MCU with LCD
More results


Similar Description - HT49RA0

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49RA0-6 HOLTEK-HT49RA0-6 Datasheet
329Kb / 49P
   Remote Type 8-Bit MCU with LCD
HT49RA1 HOLTEK-HT49RA1 Datasheet
464Kb / 58P
   Remote Type 8-Bit MCU with LCD
HT49RA0 HOLTEK-HT49RA0_14 Datasheet
352Kb / 40P
   Remote Type 8-Bit MCU with LCD
HT49RA1 HOLTEK-HT49RA1_14 Datasheet
509Kb / 57P
   Remote Type 8-Bit MCU with LCD
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
   8-Bit Remote Type MCU
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
   Remote Type 8-Bit MCU
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com