Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA328P-PU Datasheet (PDF) - SYC Electronica

ATMEGA328P-PU Datasheet PDF - SYC Electronica
Part # ATMEGA328P-PU
Download  ATMEGA328P-PU Download

File Size   34997.08 Kbytes
Page   648 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES IN-SYSTEM PROGRAMMABLE FLASH

ATMEGA328P-PU Datasheet (PDF)

Go To PDF Page Download Datasheet
ATMEGA328P-PU Datasheet PDF - SYC Electronica

Part # ATMEGA328P-PU
Download  ATMEGA328P-PU Click to download

File Size   34997.08 Kbytes
Page   648 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES IN-SYSTEM PROGRAMMABLE FLASH

ATMEGA328P-PU Datasheet (HTML) - SYC Electronica


ATMEGA328P-PU Product details

Features
 High Performance, Low Power Atmel®AVR® 8-Bit Microcontroller Family
 Advanced RISC Architecture
̶ 131 Powerful Instructions – Most Single Clock Cycle Execution
̶ 32 x 8 General Purpose Working Registers
̶ Fully Static Operation
̶ Up to 20 MIPS Throughput at 20MHz
̶ On-chip 2-cycle Multiplier
 High Endurance Non-volatile Memory Segments
̶ 4/8/16/32KBytes of In-System Self-Programmable Flash program memory
̶ 256/512/512/1KBytes EEPROM
̶ 512/1K/1K/2KBytes Internal SRAM
̶ Write/Erase Cycles: 10,000 Flash/100,000 EEPROM
̶ Data retention: 20 years at 85C/100 years at 25C(1)
̶ Optional Boot Code Section with Independent Lock Bits
 In-System Programming by On-chip Boot Program
 True Read-While-Write Operation
̶ Programming Lock for Software Security
 Atmel® QTouch® library support
̶ Capacitive touch buttons, sliders and wheels
̶ QTouch and QMatrix® acquisition
̶ Up to 64 sense channels
 Peripheral Features
̶ Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode
̶ One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and
Capture Mode
̶ Real Time Counter with Separate Oscillator
̶ Six PWM Channels
̶ 8-channel 10-bit ADC in TQFP and QFN/MLF package
 Temperature Measurement
̶ 6-channel 10-bit ADC in PDIP Package
 Temperature Measurement
̶ Programmable Serial USART
̶ Master/Slave SPI Serial Interface
̶ Byte-oriented 2-wire Serial Interface (Philips I2C compatible)
̶ Programmable Watchdog Timer with Separate On-chip Oscillator
̶ On-chip Analog Comparator
̶ Interrupt and Wake-up on Pin Change




Similar Part No. - ATMEGA328P-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA328P-PU ATMEL-ATMEGA328P-PU Datasheet
499Kb / 32P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
logo
Microchip Technology
ATMEGA328P-PU MICROCHIP-ATMEGA328P-PU Datasheet
33Mb / 662P
   High Performance, Low Power AVR® 8-Bit Microcontroller Family
2018
logo
ATMEL Corporation
ATMEGA328P-PU ATMEL-ATMEGA328P-PU Datasheet
406Kb / 24P
   8-bit AVR Microcontrollers
06/2016
ATMEGA328P-PU ATMEL-ATMEGA328P-PU Datasheet
750Kb / 50P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES IN-SYSTEM PROGRAMMABLE FLASH
11/2015
More results


Similar Description - ATMEGA328P-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA88PA-PU ATMEL-ATMEGA88PA-PU Datasheet
750Kb / 50P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES IN-SYSTEM PROGRAMMABLE FLASH
11/2015
ATMEGA48PA-15MZ ATMEL-ATMEGA48PA-15MZ Datasheet
585Kb / 31P
   Atmel 8-bit Microcontroller with 4/8/16/32KBytes In-System Programmable Flash
ATMEGA48A ATMEL-ATMEGA48A_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA168A ATMEL-ATMEGA168A_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA32A ATMEL-ATMEGA32A_14 Datasheet
5Mb / 336P
   8-bit Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P_14 Datasheet
1Mb / 344P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328 ATMEL-ATMEGA328_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA168PA ATMEL-ATMEGA168PA_14 Datasheet
1Mb / 326P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA48A ATMEL-ATMEGA48A_11 Datasheet
495Kb / 35P
   8-bit Atmel Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com