Electronic Components Datasheet Search
  English  ▼

X  

25LC1024T-I/P Datasheet (PDF) - Microchip Technology

25LC1024T-I/P Datasheet PDF - Microchip Technology
Part # 25LC1024T-I/P
Download  25LC1024T-I/P Download
File Size   591.9 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1 Mbit SPI Bus Serial EEPROM

25LC1024T-I/P Datasheet (PDF)

Go To PDF Page Download Datasheet
25LC1024T-I/P Datasheet PDF - Microchip Technology

Part # 25LC1024T-I/P
Download  25LC1024T-I/P Click to download

File Size   591.9 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1 Mbit SPI Bus Serial EEPROM

25LC1024T-I/P Datasheet (HTML) - Microchip Technology


25LC1024T-I/P Product details

Description:

The Microchip Technology Inc. 25AA1024/25LC1024 (25XX1024*) is a 1024 Kbit serial EEPROM memory with byte-level and page-level serial EEPROM functions. It also features Page, Sector and Chip erase functions typically associated with Flash-based products. These functions are not required for byte or page write operations. The memory is accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled by a Chip Select (CS) input.



Features:

• 20 MHz max. Clock Speed

• Byte and Page-level Write Operations:

- 256 byte page

- 6 ms max. write cycle time

- No page or sector erase required

• Low-Power CMOS Technology:

- Max. Write current: 5 mA at 5.5V, 20 MHz

- Read current: 7 mA at 5.5V, 20 MHz

- Standby current: 1μA at 2.5V

(Deep power-down)

• Electronic Signature for Device ID

• Self-Timed Erase and Write Cycles:

- Page Erase (6 ms max.)

- Sector Erase (10 ms max.)

- Chip Erase (10 ms max.)

• Sector Write Protection (32K byte/sector):

- Protect none, 1/4, 1/2 or all of array

• Built-In Write Protection:

- Power-on/off data protection circuitry

- Write enable latch

- Write-protect pin

• High Reliability:

- Endurance: 1M erase/write cycles

• Temperature Ranges Supported:

• Pb-free packages available

- Industrial (I): -40°C to +85°C

- Automotive (E): -40°C to +125°C




Similar Part No. - 25LC1024T-I/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC1024T-I/P MICROCHIP-25LC1024T-I/P Datasheet
480Kb / 32P
1 Mbit SPI Bus Serial EEPROM
2008
25LC1024T-I/P MICROCHIP-25LC1024T-I/P Datasheet
705Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
More results


Similar Description - 25LC1024T-I/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC1024 MICROCHIP-25LC1024_08 Datasheet
480Kb / 32P
1 Mbit SPI Bus Serial EEPROM
2008
25AA1024 MICROCHIP-25AA1024_10 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25AA1024_1005 MICROCHIP-25AA1024_1005 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25LC1024 MICROCHIP-25LC1024 Datasheet
705Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25LC1024-ESM MICROCHIP-25LC1024-ESM Datasheet
705Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95M02-DRMN6TP STMICROELECTRONICS-M95M02-DRMN6TP Datasheet
1Mb / 41P
2-Mbit serial SPI bus EEPROM
13-Mar-2013
M95M01-125 STMICROELECTRONICS-M95M01-125 Datasheet
399Kb / 37P
Automotive 1-Mbit serial SPI bus EEPROM
20-Jun-2012
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024_15 Datasheet
496Kb / 36P
1 Mbit SPI Bus Serial EEPROM
01/27/15
logo
STMicroelectronics
M95M01-DF STMICROELECTRONICS-M95M01-DF Datasheet
878Kb / 51P
1-Mbit serial SPI bus EEPROM
21-Feb-2017
M95M04-DR STMICROELECTRONICS-M95M04-DR Datasheet
843Kb / 46P
4-Mbit serial SPI bus EEPROM
October 2019 Rev 1
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com