Electronic Components Datasheet Search
  English  ▼

X  

MAX77958CEWV+ Datasheet (PDF) - Analog Devices

MAX77958CEWV+ Datasheet PDF - Analog Devices
Part # MAX77958CEWV+
Download  MAX77958CEWV+ Download
File Size   1519.17 Kbytes
Page   83 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Standalone USB Type-C and USB Power Delivery Controller

MAX77958CEWV+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX77958CEWV+ Datasheet PDF - Analog Devices

Part # MAX77958CEWV+
Download  MAX77958CEWV+ Click to download

File Size   1519.17 Kbytes
Page   83 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Standalone USB Type-C and USB Power Delivery Controller

MAX77958CEWV+ Datasheet (HTML) - Analog Devices


MAX77958CEWV+ Product details

Benefits and Features
● Supports Autonomous or MCU Based Configuration
• No Firmware Development Needed in Autonomous Configuration
• Customizable Based on Application Requirements
● Customizable Firmware
• USB Compliant Default Embedded Firmware
• Supports Customizable Actions on Events
• Firmware Updates for Future Specification Revisions
● USB Type-C Support and USB-PD Support
• USB Type-C Version 1.3 and PD3.0 Compliant
• Mode Configuration: Sink/Source/Dual Role Port
• Programmable Power Supply (PPS) Sink Support
• Fast Role Swap (FRS) Initial Sink Support
• Alternate Mode Support
• Cable Orientation and Power Role Detection
• Integrated VCONN Switch with OCP
• Support Try.Snk State
• Audio and Debug Accessory Sink/Source Mode
● Supports BC1.2 Legacy/Proprietary Charger Detection
• Supports HVDCP
• Integrated D+/D- Switches
● Moisture Detection/Corrosion Prevention
● High Voltage VBUS (28V)
● Short to VBUS Protection on CC Pins (22V)
● Dead Battery Support
● Dual Supply Inputs from SYS and VBUS
● I2C Programmable Configuration
● I2C Master to Control External Charger or Direct Charge IC
● Nine Configurable GPIOs
• SuperSpeed Mux/Detection/IRQ
• Configuration for Alternate Mode
• ENABLE/DISABLE External Switches or Devices
● 30-Bump, 6x5, 0.5mm Pitch WLP

Applications
● Smartphones
● Tablets
● Cameras
● Game Players
● Power Banks
● Industrial Equipment PoE to USB Type-C Adapters
● Handheld Devices
● Portable Devices
● Monitors
● Healthcare and Medical Devices
● Other USB Type-C Devices




Similar Part No. - MAX77958CEWV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77958 MAXIM-MAX77958 Datasheet
5Mb / 32P
High-Efficiency Single-Cell Switching Charger
319-100597; Rev 1; 11/20
MAX77958 MAXIM-MAX77958 Datasheet
4Mb / 21P
High Voltage VBUS Range
319-100671; Rev 0; 1/21
MAX77958 MAXIM-MAX77958 Datasheet
3Mb / 24P
High Voltage VBUS Range
319-100519; Rev 1; 7/20
MAX77958EVKIT-2S3 MAXIM-MAX77958EVKIT-2S3 Datasheet
3Mb / 24P
High Voltage VBUS Range
319-100519; Rev 1; 7/20
MAX77958EVKIT-2S3# MAXIM-MAX77958EVKIT-2S3# Datasheet
3Mb / 24P
High Voltage VBUS Range
319-100519; Rev 1; 7/20
More results


Similar Description - MAX77958CEWV+

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92A20MWV ROHM-BM92A20MWV Datasheet
1Mb / 33P
USB Type-C Power Delivery Controller
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
BM92T10MWV ROHM-BM92T10MWV Datasheet
1Mb / 31P
Type-C USB Power Delivery Controller
BM92A12MWV-Z ROHM-BM92A12MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A13MWV-Z ROHM-BM92A13MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A21MWV-Z ROHM-BM92A21MWV-Z Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
USB Type-C Power Delivery Controller
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com