Electronic Components Datasheet Search
  English  ▼

X  

MAX20038ATIC/V+ Datasheet (PDF) - Analog Devices

MAX20038ATIC/V+ Datasheet PDF - Analog Devices
Part # MAX20038ATIC/V+
Download  MAX20038ATIC/V+ Download
File Size   2770.08 Kbytes
Page   54 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Automotive High-Current Step-Down Converter with USB Protection/Host Charger Adapter Emulation

MAX20038ATIC/V+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX20038ATIC/V+ Datasheet PDF - Analog Devices

Part # MAX20038ATIC/V+
Download  MAX20038ATIC/V+ Click to download

File Size   2770.08 Kbytes
Page   54 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Automotive High-Current Step-Down Converter with USB Protection/Host Charger Adapter Emulation

MAX20038ATIC/V+ Datasheet (HTML) - Analog Devices


MAX20038ATIC/V+ Product details

Benefits and Features
● One-Chip Solution Directly from Car Battery to
Portable Device
• 4.5V to 28V (40V Load Dump) Input Voltage
• 5V, 3.5A Output Current Capability
• 5V, 1.5A Output Current Capability (MAX20038A)
• Device-Attach Detection Output
• Low-Q Current Skip and Shutdown Modes
● Low-Noise Features Prevent Interference with AM
Band and Portable Devices
• Fixed-Frequency 275kHz to 2.2MHz Operation
• Fixed-PWM Option at No Load
• Spread Spectrum for EMI Reduction
• SYNC Input/Output for Frequency Parking
● Optimal USB Power and Communication for Portable
Devices
• User-Programmable Voltage Gain Adjusts Output
for Up to 600mΩ Cable Resistance
• User-Programmable USB Current Limit
• USB 480Mbps/12Mbps/1.5Mbps Data Switches
• Integrated iPod®/iPhone®/iPad® and Samsung®
Charge-Detection Termination Resistors
• Supports USB BC1.2 CDP and DCP Modes
• Supports China YD/T 1591-2009
• Compatible with USB On-the-Go Specification
● Robust Design Keeps Vehicle System and Portable
Devices Safe in Automotive Environment
• Short-to-Battery Protection on DC-DC
Converter Pins
• Short-to-VBUS Protection on USB Pins (MAX20037)
• Short-to-Battery Protection on USB Pins (MAX20038)
• ±15kV Air/±8kV Contact ISO 10605*
• ±15kV Air/±8kV Contact IEC 61000-4-2*
• Reduced Inrush Current with Soft-Start
• Overtemperature Protection
• -40°C to +125°C Operating Temperature Range

Applications
● Automotive Radio and Navigation
● USB Port for Host and Hub Applications
● Automotive Connectivity/Telematics
● Dedicated USB Charging Port (DCP)




Similar Part No. - MAX20038ATIC/V+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20038 MAXIM-MAX20038 Datasheet
111Kb / 2P
Configurable Charge-Detection Modes
MAX20038EVKIT MAXIM-MAX20038EVKIT Datasheet
111Kb / 2P
Configurable Charge-Detection Modes
More results


Similar Description - MAX20038ATIC/V+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14600 MAXIM-MAX14600_12 Datasheet
2Mb / 16P
USB Host Charger Identification/Adapter Emulators
Rev 3; 5/12
logo
Texas Instruments
TPS254900-Q1 TI1-TPS254900-Q1 Datasheet
2Mb / 40P
Automotive USB Host Charger With Short-to-VBATT Protection
logo
Microchip Technology
UCS81003 MICROCHIP-UCS81003 Datasheet
1Mb / 108P
Automotive USB Port Power Controller with Charger Emulation
03/25/14
logo
Texas Instruments
TPS254900A-Q1 TI1-TPS254900A-Q1 Datasheet
2Mb / 39P
Automotive USB Host Charger With Short-to-VBATT Protection
logo
Maxim Integrated Produc...
MAX16984A MAXIM-MAX16984A Datasheet
988Kb / 36P
Automotive High-Current Step-Down Converter with USB Protection/Host Charger Adapter Emulator
Rev 2; 12/20
MAX20461 MAXIM-MAX20461 Datasheet
1Mb / 65P
Automotive High-Current Step-Down Converter with USB-C Protection/Host Charger
Rev 4; 12/20
MAX16984 MAXIM-MAX16984 Datasheet
396Kb / 7P
Automotive High-Current Step-Down Converter with USB Protection/Host Charger Adapter Emulator
Rev 6; 5/18
MAX14617 MAXIM-MAX14617 Datasheet
2Mb / 13P
USB Host Charger Identification/Adapter Emulator
19-6045; Rev 1; 2/12
MAX16984A MAXIM-MAX16984A_V01 Datasheet
1Mb / 49P
Automotive High-Current Step-Down Converter
2021
logo
Analog Devices
MAX25460 AD-MAX25460 Datasheet
1Mb / 48P
Automotive 1.5A Step-Down Converter with USB Protection/Host Charger Adapter Emulator
19-101710; Rev 0; 6/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com