Electronic Components Datasheet Search
  English  ▼

X  

MAX31732ATG+ Datasheet (PDF) - Analog Devices

MAX31732ATG+ Datasheet PDF - Analog Devices
Part # MAX31732ATG+
Download  MAX31732ATG+ Download
File Size   1063.61 Kbytes
Page   46 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Four-Channel Remote Temperature Sensor

MAX31732ATG+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX31732ATG+ Datasheet PDF - Analog Devices

Part # MAX31732ATG+
Download  MAX31732ATG+ Click to download

File Size   1063.61 Kbytes
Page   46 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Four-Channel Remote Temperature Sensor

MAX31732ATG+ Datasheet (HTML) - Analog Devices


MAX31732ATG+ Product details

General Description
The MAX31732 is a multi-channel temperature sensor
that monitors its own temperature and the temperatures
of up to four external diode-connected transistors. A
resistance cancellation feature compensates for up to
300Ω of series resistance between the external thermal
diode and the MAX31732, while beta compensation
corrects for temperature-measurement errors due to
low-beta sensing transistors. The sensor also allows
ideality factors between 0.9844 and 1.311.
The MAX31732 offers two open-drain, active-low
alarm outputs, ALARM1 and ALARM2. When the
measured temperature of a channel crosses the
respective primary overtemperature/undertemperature
threshold levels, ALARM1 asserts low, and a status bit
is set in the corresponding thermal status registers.
When the measured temperature of a channel crosses
the secondary overtemperature/undertemperature
threshold levels, ALARM2 asserts low and a status bit is
set in the corresponding thermal status registers. The
highest temperature register allows the controller to
obtain the temperature of the hottest channel.
A 512-bit nonvolatile memory (NVM) allows the
MAX31732 to program the configuration registers during
power-up without software/firmware intervention. The
NVM also captures the fault temperature for each
remote and local channel for further analysis at a later
time.
The 2-wire serial interface accepts SMBus protocols
(write byte, read byte, send byte, and receive byte) for
reading the temperature data and programming the
temperature thresholds. Any one of the eight available
target addresses can be selected using the address
selection input (ADD), which can be connected to
ground or connected to a grounded resistor.
The is specified over the -40°C to +125°C operating
temperature range and with a 3.0V to 3.6V input supply
range. MAX31732 is available in a 24-pin, 4mm x 4mm
TQFN package.

Features
• One Local and Four Remote Temperature-Sensing
Channels
• ±1°C Remote Temperature-Measurement Accuracy
(-40°C to +125°C)
• -64°C to +150°C Remote Temperature-
Measurement Range
• Up to 300Ω Resistance Cancellation for Remote
Channels
• Compensation for Low Beta Transistors
• 12 Bit, 0.0625°C Resolution
• Two Programmable Alarm Temperature Thresholds
• Eight Selectable Target Addresses
• Flexible I2C/SMBus Interfaces to a Variety of
Microcontrollers
• Ideality Factor of up to 1.311
• NVM Facilitates Configuration and Fault Logging

Applications
• Temperature Measurement of On-Chip CPU, ASIC,
SOC, or FPGA diodes or remote discrete diodes
• Industrial-Thermal Management




Similar Part No. - MAX31732ATG+

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX31732ATG+ AD-MAX31732ATG+ Datasheet
1Mb / 46P
Four-Channel Remote Temperature Sensor
Rev 1; 2/25
MAX31732ATG+T AD-MAX31732ATG+T Datasheet
1Mb / 46P
Four-Channel Remote Temperature Sensor
Rev 1; 2/25
More results


Similar Description - MAX31732ATG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6655 MAXIM-MAX6655 Datasheet
255Kb / 18P
Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
Rev 0; 7/01
MAX6655 MAXIM-MAX6655_06 Datasheet
366Kb / 18P
Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
Rev 1; 5/06
logo
Linear Technology
LTC2997 LINER-LTC2997_15 Datasheet
186Kb / 18P
Remote/Internal Temperature Sensor
logo
Texas Instruments
LM64 TI1-LM64 Datasheet
1Mb / 38P
Remote Diode Temperature Sensor
LM96163 TI1-LM96163 Datasheet
1Mb / 49P
Remote Diode Digital Temperature Sensor
logo
Microchip Technology
MCP9902 MICROCHIP-MCP9902 Datasheet
538Kb / 50P
Multi-Channel Low-Temperature Remote Diode Sensor
06/23/16
logo
Texas Instruments
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
logo
Maxim Integrated Produc...
MAX31730 MAXIM-MAX31730 Datasheet
871Kb / 48P
3-Channel Remote Temperature Sensor
Rev 2; 4/15
MAX6655 MAXIM-MAX6655_V01 Datasheet
1Mb / 19P
Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
2021
logo
E+E Elektronik Ges.m.b....
EE471 EPLUSE-EE471 Datasheet
1Mb / 9P
Temperature Sensor with Remote Probe
09-2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com