Electronic Components Datasheet Search
  English  ▼

X  

DS28E54+ Datasheet (PDF) - Analog Devices

DS28E54+ Datasheet PDF - Analog Devices
Part # DS28E54+
Download  DS28E54+ Download
File Size   605.85 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1-Wire SHA3-256 Secure Authenticator with DS2431/DS28E07 Compatibility

DS28E54+ Datasheet (PDF)

Go To PDF Page Download Datasheet
DS28E54+ Datasheet PDF - Analog Devices

Part # DS28E54+
Download  DS28E54+ Click to download

File Size   605.85 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1-Wire SHA3-256 Secure Authenticator with DS2431/DS28E07 Compatibility

DS28E54+ Datasheet (HTML) - Analog Devices


DS28E54+ Product details

Product Highlights
The DS28E54 secure authenticator combines FIPS 202-
compliant secure hash algorithm (SHA-3) challenge and
response authentication with secured electrically
erasable programmable read-only memory (EEPROM).
The device provides a core set of cryptographic tools
derived from integrated blocks, including an SHA-3
engine, 2.25Kbit of secured user EEPROM, a
decrement-only counter, and a unique 64-bit ROM
identification number (ROM ID), all while remaining
reverse compatible to the DS2431/DS28E07.
The unique ROM ID is used as a fundamental input
parameter for cryptographic operations and serves as
an electronic serial number within the application.
The device communicates over the single-contact 1-
Wire® bus.
The communication follows the 1-Wire protocol, with the
ROM ID acting as the node address in the case of a
multidevice 1-Wire network.

Benefits and Features
• DS2431/DS28E07 Reverse Compatibility
• 2.25Kbits of EEPROM Memory Partitioned into
11 User Pages of 256 Bits (First Five Pages
Compatible)
• 64-Bit Scratchpad Buffer for Compatible Secure
Writing with Offset and Individual Addressing
• ±8kV HBM ESD Protection (typ) for IO Pin
• Efficient Secure Hash Algorithm to Authenticate
Peripherals
• FIPS 202-Compliant SHA-3 Algorithm for
Challenge/Response Authentication and Device
Disable
• FIPS 198-Compliant Keyed-Hash Message
Authentication Code (HMAC)
• Optional HMAC SHA3-256 Authenticated Write
Protection of EEPROM
• Supplemental Features for Easy Integration into End
Applications
• 17-Bit, One-Time Settable, Nonvolatile
Decrement-Only Counter with Authenticated
Read
• Secure Storage for Secret
• 2.25KBits of Secure EEPROM for User Data and
Secret
• Unique and Unalterable, Factory-Programmed,
64-Bit Identification Number (ROM ID)
• Advanced 1-Wire Protocol Minimizes Interface to
Single Contact
• Standard and Overdrive Communication Speed
• Internal Parasite Power Capacitor
• Operating Range: 2.8V to 5.25V, -40°C to +85°C
• SFN, SFN 6x6, TDFN-EP, TSOC, TO92
Packages
• 4.0μA (typ) Input Load Current

Key Applications
• Medical Tools/Accessories Authentication and
Calibration
• Accessory and Peripheral Secure Authentication
• Battery Authentication and Charge Cycle Tracking
• Analog Sensor Calibration




Similar Part No. - DS28E54+

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DS28E54+ AD-DS28E54+ Datasheet
543Kb / 30P
1-Wire SHA3-256 Secure Authenticator with DS2431/DS28E07 Compatibility
Rev 2; 9/24
DS28E54+T AD-DS28E54+T Datasheet
543Kb / 30P
1-Wire SHA3-256 Secure Authenticator with DS2431/DS28E07 Compatibility
Rev 2; 9/24
More results


Similar Description - DS28E54+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E15 MAXIM-DS28E15 Datasheet
780Kb / 6P
1-Wire SHA-256 Secure Authenticator with 512-Bit User EEPROM
Rev 0; 6/12
DS28E25 MAXIM-DS28E25 Datasheet
759Kb / 6P
1-Wire SHA-256 Secure Authenticator with 4Kb User EEPROM
Rev 0; 7/12
DS28E22 MAXIM-DS28E22 Datasheet
799Kb / 6P
1-Wire SHA-256 Secure Authenticator with 2Kb User EEPROM
Rev 0; 9/12
DS28EL25 MAXIM-DS28EL25 Datasheet
858Kb / 6P
DeepCover Secure Authenticator with 1-Wire SHA-256 with 4Kb User EEPROM
Rev 0; 12/12
DS2465 MAXIM-DS2465_13 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 2; 1/13
DS24L65 MAXIM-DS24L65 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 1; 9/13
DS28E22 MAXIM-DS28E22_V01 Datasheet
875Kb / 6P
DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0020; Rev 3; 7/21
DS28E25 MAXIM-DS28E25_V01 Datasheet
725Kb / 6P
DeepCover Secure Authenticator with 1-Wire SHA-256 and 4Kb User EEPROM
219-0019; Rev 4; 6/21
DS28EL25 MAXIM-DS28EL25_V01 Datasheet
735Kb / 6P
DeepCover Secure Authenticator with 1-Wire SHA-256 with 4Kb User EEPROM
219-0022; Rev 1; 6/21
logo
Analog Devices
MAX66250 AD-MAX66250 Datasheet
220Kb / 8P
ISO 15693, SHA3-256, 256-Bit User EEPROM Secure Authenticator
Rev 0; 7/22
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com