Electronic Components Datasheet Search
  English  ▼

X  

TCM2-672AX+ Datasheet (PDF) - Mini-Circuits

TCM2-672AX+ Datasheet PDF - Mini-Circuits
Part # TCM2-672AX+
Download  TCM2-672AX+ Download
File Size   463.2 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description RF Transformer

TCM2-672AX+ Datasheet (PDF)

Go To PDF Page Download Datasheet
TCM2-672AX+ Datasheet PDF - Mini-Circuits

Part # TCM2-672AX+
Download  TCM2-672AX+ Click to download

File Size   463.2 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description RF Transformer

TCM2-672AX+ Datasheet (HTML) - Mini-Circuits


TCM2-672AX+ Product details

THE BIG DEAL
Wideband, 1500 to 6700 MHz
Balanced transmission line
Low insertion loss 0.8 dB at 4 GHz
Flat insertion loss, 0.6 dB typ.
Good input return loss, 15 dB typ.
Low phase and amplitude unbalance, 6°, 0.8 dB at 4 GHz
Aqueous washable
APPLICATIONS
PCS
Wideband push-pull amplifiers
Cellular




Similar Part No. - TCM2-672AX+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCM2-672X MINI-TCM2-672X Datasheet
422Kb / 2P
RF Transformer
TCM2-672X+ MINI-TCM2-672X+ Datasheet
422Kb / 2P
RF Transformer
More results


Similar Description - TCM2-672AX+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
RF Transformer
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
RF Transformer
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
RF TRANSFORMER
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
RF TRANSFORMER
logo
XFMRS Inc.
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XF458PT-1720 XFMRS-XF458PT-1720 Datasheet
37Kb / 1P
RF TRANSFORMER
XFWB1010 XFMRS-XFWB1010 Datasheet
38Kb / 1P
RF TRANSFORMER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com