Electronic Components Datasheet Search
  English  ▼

X  

EH-W3A140-005K Datasheet (PDF) - EHAOAN.

EH-W3A140-005K Datasheet PDF - EHAOAN.
Part # EH-W3A140-005K
Download  EH-W3A140-005K Download
File Size   2682.38 Kbytes
Page   6 Pages
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.
Description Excellent Transiting Heat from LED Chip Operating under 700mA

EH-W3A140-005K Datasheet (PDF)

Go To PDF Page Download Datasheet
EH-W3A140-005K Datasheet PDF - EHAOAN.

Part # EH-W3A140-005K
Download  EH-W3A140-005K Click to download

File Size   2682.38 Kbytes
Page   6 Pages
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.
Description Excellent Transiting Heat from LED Chip Operating under 700mA

EH-W3A140-005K Datasheet (HTML) - EHAOAN.


EH-W3A140-005K Product details

Features:
◆ High Luminous Output
◆ No UV
◆ Excellent Transiting Heat from LED Chip Operating under 700mA




Similar Part No. - EH-W3A140-005K

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-1WB3030Y-001J EHAOAN-EH-1WB3030Y-001J Datasheet
1Mb / 8P
Dimension(L/W/H):3.05*3.25*0.55 mm
EH-1WG3030Y-001J EHAOAN-EH-1WG3030Y-001J Datasheet
1Mb / 8P
Dimension(L/W/H):3.05*3.25*0.55 mm
EH-1WR3030Y-001J EHAOAN-EH-1WR3030Y-001J Datasheet
1Mb / 8P
Dimension(L/W/H):3.05*3.25*0.55 mm
EH-1WW3030Y-001J EHAOAN-EH-1WW3030Y-001J Datasheet
1Mb / 8P
Dimension(L/W/H):3.05*3.25*0.55 mm
EH-1WWS3030-001JH90 EHAOAN-EH-1WWS3030-001JH90 Datasheet
1Mb / 9P
Dimensions/Package (L/W): 3.0*3.2mm
More results


Similar Description - EH-W3A140-005K

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535B3FC120-OGVCND34 EHAOAN-EH-3535B3FC120-OGVCND34 Datasheet
2Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-3535G3FC120-OGVCND34 EHAOAN-EH-3535G3FC120-OGVCND34 Datasheet
2Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-3535O3FC120-OGVCND34 EHAOAN-EH-3535O3FC120-OGVCND34 Datasheet
2Mb / 6P
Excellent transiting heat from LED chip operating under 350mA
EH-3535P3FC120-OGHCNA72 EHAOAN-EH-3535P3FC120-OGHCNA72 Datasheet
2Mb / 6P
Excellent transiting heat from LED chip operating under 350mA
EH-3535W3FC120-OGVEZD34 EHAOAN-EH-3535W3FC120-OGVEZD34 Datasheet
1Mb / 7P
Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3W3535RGB120-001J EHAOAN-EH-3W3535RGB120-001J Datasheet
2Mb / 7P
Excellent transiting heat from LED chip operating under 350mA
EH-B3A140-002G EHAOAN-EH-B3A140-002G Datasheet
2Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 700mA
EH-G3A140-010G EHAOAN-EH-G3A140-010G Datasheet
1Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 700mA
EH-R3A140-005G EHAOAN-EH-R3A140-005G Datasheet
1Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 700mA
EH-S3A140-002K EHAOAN-EH-S3A140-002K Datasheet
2Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 700mA
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com