Electronic Components Datasheet Search
  English  ▼

X  

08-___CWJSNHIH-__ Datasheet (PDF) - Huber+Suhner, Inc.

08-___CWJSNHIH-__ Datasheet PDF - Huber+Suhner, Inc.
Part # 08-___CWJSNHIH-___20
Download  08-___CWJSNHIH-__ Download
File Size   407.19 Kbytes
Page   3 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Breakout Fire Resistant 8 x 2.0mm LSFH Ø 12.0mm

08-___CWJSNHIH-__ Datasheet (PDF)

Go To PDF Page Download Datasheet
08-___CWJSNHIH-__ Datasheet PDF - Huber+Suhner, Inc.

Part # 08-___CWJSNHIH-___20
Download  08-___CWJSNHIH-__ Click to download

File Size   407.19 Kbytes
Page   3 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description Breakout Fire Resistant 8 x 2.0mm LSFH Ø 12.0mm

08-___CWJSNHIH-__ Datasheet (HTML) - Huber+Suhner, Inc.


08-___CWJSNHIH-__ Product details

Properties
• Metal free indoor cable
• Each fiber strain relieved
• Ripcord for easy jacked
removal
• Low smoke, halogen free
and self-extinguishing
• Cable with improved fire
pe"ormance




Similar Part No. - 08-___CWJSNHIH-___20

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
08-___CWJSNH-___20C HUBERSUHNER-08-___CWJSNH-___20C Datasheet
305Kb / 3P
Breakout 8 x 2.0mm LSFH Ø 9.0mm Cca
More results


Similar Description - 08-___CWJSNHIH-___20

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
04-___CWJSNH-___20D HUBERSUHNER-04-___CWJSNH-___20D Datasheet
298Kb / 3P
Breakout 4 x 2.0mm LSFH Ø 7.0mm Dca
04-___CWJSNHIH-__ HUBERSUHNER-04-___CWJSNHIH-___20 Datasheet
375Kb / 3P
Breakout Fire Resistant 4 x 2.0mm LSFH Ø 10.0mm
08-___CWJSNH-___20C HUBERSUHNER-08-___CWJSNH-___20C Datasheet
305Kb / 3P
Breakout 8 x 2.0mm LSFH Ø 9.0mm Cca
08-___VJSNH-__ HUBERSUHNER-08-___VJSNH-___20 Datasheet
277Kb / 3P
Breakout 8 x 2.0mm LSFH Ø 9.0mm
12-___CWJSNH-___20C HUBERSUHNER-12-___CWJSNH-___20C Datasheet
306Kb / 2P
Breakout 12 x 2.0mm LSFH Ø 12.0mm Cca
12-___CWJSNHIH-__ HUBERSUHNER-12-___CWJSNHIH-___20 Datasheet
470Kb / 3P
Breakout Fire Resistant 12 x 2.0mm LSFH Ø 15.0mm
16-___CWJSNH-__ HUBERSUHNER-16-___CWJSNH-___20 Datasheet
333Kb / 2P
Breakout 16 x 2.0mm LSFH Ø 12.0mm
24-___CWJSNH-___20C HUBERSUHNER-24-___CWJSNH-___20C Datasheet
350Kb / 3P
Breakout 24 x 2.0mm LSFH Ø 14.0mm Cca
48-12____ZN_SNH-___20C HUBERSUHNER-48-12____ZN_SNH-___20C Datasheet
297Kb / 2P
Optipack Breakout 4 x 2.0mm LSFH Ø 6.6mm Cca
96-12____ZN_SNH-___20B HUBERSUHNER-96-12____ZN_SNH-___20B Datasheet
351Kb / 2P
Optipack Breakout 8 x 2.0mm LSFH Ø 9.6mm B2ca
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com