Electronic Components Datasheet Search
  English  ▼

X  

1201336 Datasheet (PDF) - PHOENIX CONTACT

1201336 Datasheet PDF - PHOENIX CONTACT
Part # 1201336
Download  1201336 Download

File Size   449.95 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WMS 12,7 (EX20)R - Shrink sleeve

1201336 Datasheet (PDF)

Go To PDF Page Download Datasheet
1201336 Datasheet PDF - PHOENIX CONTACT

Part # 1201336
Download  1201336 Click to download

File Size   449.95 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description WMS 12,7 (EX20)R - Shrink sleeve

1201336 Datasheet (HTML) - PHOENIX CONTACT


1201336 Product details

Shrink sleeve, Roll, white, unlabeled, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLLMASTER 300/600, THERMOMARK ROLL X1, THERMOMARK ROLL,
THERMOMARK ROLL 2.0, THERMOMARK W, THERMOMARK X1.2, unperforated, mounting
type: slide-on, cable diameter range: 4.2 ... 12.7 mm, lettering field size: 20 x 20000 mm, roll
length: 20 m




Similar Part No. - 1201336

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
12013 POWERDYNAMICS-12013 Datasheet
56Kb / 1P
   EUROPEAN CORD SET; 250cm LONG CEE 7/7 R/A TO IEC 60320 C13
logo
Aries Electronics, Inc.
12013 ARIES-12013 Datasheet
543Kb / 1P
   Series 0513 Pin-Line??Socket Strips w/Collet Contacts & Solder Pin Tails
logo
Weidmuller
1201300000 WEIDMULLER-1201300000 Datasheet
31Mb / 340P
   HDC-KIT-HA 03.300
logo
OSA Opto Light GmbH
120134 OSA-120134 Datasheet
53Kb / 1P
   GaAs / GaAs LED Chips
More results


Similar Description - 1201336

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
   Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
1014303 PHOENIX-1014303 Datasheet
44Kb / 2P
   Magnetic label - PMM (EX20)R
1014304 PHOENIX-1014304 Datasheet
44Kb / 2P
   Magnetic label - PMM (EX20)R SR
1014305 PHOENIX-1014305 Datasheet
44Kb / 2P
   Magnetic label - PMM (EX20)R YE
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
   WMS shrink sleeves provide permanent and captive conductor and cable marking
1855107 PHOENIX-1855107 Datasheet
58Kb / 3P
   Sleeve housing - VC-K-T2-R-M25
1855120 PHOENIX-1855120 Datasheet
59Kb / 3P
   Sleeve housing - VC-K-T3-R-M25
1855133 PHOENIX-1855133 Datasheet
62Kb / 4P
   Sleeve housing - VC-K-T4-R-M25
1929533 PHOENIX-1929533 Datasheet
145Kb / 6P
   MKDSP 10HV/ 2-12,7
2701134 PHOENIX-2701134 Datasheet
167Kb / 4P
   Mounting adapter - FL EPA WMS
Dec 6, 2022
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com