Electronic Components Datasheet Search
  English  ▼

X  

SI87XX Datasheet (PDF) - Skyworks Solutions Inc.

SI87XX Datasheet PDF - Skyworks Solutions Inc.
Part # SI87XX
Download  SI87XX Download
File Size   2023.45 Kbytes
Page   38 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS

SI87XX Datasheet (PDF)

Go To PDF Page Download Datasheet
SI87XX Datasheet PDF - Skyworks Solutions Inc.

Part # SI87XX
Download  SI87XX Click to download

File Size   2023.45 Kbytes
Page   38 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS

SI87XX Datasheet (HTML) - Skyworks Solutions Inc.


SI87XX Product details

Features
 Pin-compatible, drop-in upgrades for
popular high-speed digital
optocouplers
 Performance and reliability
advantages vs. optocouplers
Resistant to temperature, age and
forward current effects
10x lower FIT rate for longer
service life
Higher common-mode transient
immunity: >50 kV/μs typical
Lower power and forward input
diode current
 PCB footprint compatible with
optocoupler packaging
 Wide range of product options
 1 channel diode emulator input
 3 to 30 V open collector output
 Propagation delay 30 ns
 Data rates dc to 15 Mbps
 Up to 5000 VRMS isolation and 10 kV
surge protection
 AEC-Q100 qualified
 Wide operating temperature range
–40 to +125 °C
 RoHS-compliant packages
SOIC-8 (Narrow body)
DIP8 (Gull-wing)
SDIP6 (Stretched SO-6)
 Automotive-grade OPNs available
AIAG compliant PPAP
documentation support
IMDs and CAMDs listing support




Similar Part No. - SI87XX

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI87XX SILABS-SI87XX Datasheet
400Kb / 36P
5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
logo
Silicon image
SI87XX-EVB SILICONIMAGE-SI87XX-EVB Datasheet
323Kb / 20P
Si87XX LED EMULATOR INPUT ISOLATOR EVALUATION BOARD USER?셎 GUIDE
Si87xxDIP8-KIT SILICONIMAGE-Si87xxDIP8-KIT Datasheet
323Kb / 20P
Si87XX LED EMULATOR INPUT ISOLATOR EVALUATION BOARD USER?셎 GUIDE
Si87xxLGA8-KIT SILICONIMAGE-Si87xxLGA8-KIT Datasheet
323Kb / 20P
Si87XX LED EMULATOR INPUT ISOLATOR EVALUATION BOARD USER?셎 GUIDE
Si87xxSDIP6-KIT SILICONIMAGE-Si87xxSDIP6-KIT Datasheet
323Kb / 20P
Si87XX LED EMULATOR INPUT ISOLATOR EVALUATION BOARD USER?셎 GUIDE
More results


Similar Description - SI87XX

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI87XX SILABS-SI87XX Datasheet
400Kb / 36P
5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
logo
Silicon image
SI826X SILICONIMAGE-SI826X Datasheet
423Kb / 42P
5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Silicon Laboratories
SI8261AAC-C-IS SILABS-SI8261AAC-C-IS Datasheet
1Mb / 40P
5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
SI8715BC-A-IS SILABS-SI8715BC-A-IS Datasheet
1Mb / 35P
5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
logo
M-System Co.,Ltd.
5BX MSYSTEM-5BX Datasheet
162Kb / 3P
Dual Channel Input/Output Isolators 5-UNIT
5VS MSYSTEM-5VS Datasheet
96Kb / 2P
Dual Channel Input/Output Isolators 5-UNIT
logo
Analog Devices
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
Dual-Channel Digital Isolators, 5 kV
Rev. F
logo
Skyworks Solutions Inc.
SI873X SKYWORKS-SI873X Datasheet
951Kb / 23P
Low Input Current LED Emulator, Logic Output Isolators
Revision 1.0 March, 2018
SI826X SKYWORKS-SI826X Datasheet
459Kb / 39P
5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
SI871X SKYWORKS-SI871X Datasheet
956Kb / 36P
5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com