Electronic Components Datasheet Search
  English  ▼

X  

SI3406X Datasheet (PDF) - Skyworks Solutions Inc.

SI3406X Datasheet PDF - Skyworks Solutions Inc.
Part # SI3406X
Download  SI3406X Download

File Size   920.12 Kbytes
Page   37 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Fully-Integrated IEEE 802.3-Compliant POE PD Interface and High-Efficiency Switching Regulators with Sleep, Wake, and LED Drive

SI3406X Datasheet (PDF)

Go To PDF Page Download Datasheet
SI3406X Datasheet PDF - Skyworks Solutions Inc.

Part # SI3406X
Download  SI3406X Click to download

File Size   920.12 Kbytes
Page   37 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Fully-Integrated IEEE 802.3-Compliant POE PD Interface and High-Efficiency Switching Regulators with Sleep, Wake, and LED Drive

SI3406X Datasheet (HTML) - Skyworks Solutions Inc.


SI3406X Product details

KEY FEATURES
• Type 1 (PoE) or Type 2 (PoE+) power
• Full IEEE 802.3at compliance
• Synchronous secondary FET driver
• Current mode dc-dc converter
• Tunable switching frequency
• Auxiliary transformer winding support
• Auxiliary wall adapter support (12 V to 57 V)
• Internal hotswap and switching FET bypass
support
• Automated maintain-power-signature (MPS)
support
• Sleep mode augmented with wake pin,
mode control, and LED driver
• 120 V Absolute Max voltage performance
• Extended –40 to +85 °C temperature
• Compact ROHS-compliant 5 mm x 5 mm
QFN Package




Similar Part No. - SI3406X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3406X SILABS-SI3406X Datasheet
1,017Kb / 36P
   Security and surveillance IP cameras
More results


Similar Description - SI3406X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3402 ETC2-SI3402 Datasheet
261Kb / 22P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE
logo
Skyworks Solutions Inc.
SI3402-B SKYWORKS-SI3402-B Datasheet
1Mb / 22P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Rev. 1.1
SI3402-C SKYWORKS-SI3402-C Datasheet
1Mb / 21P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Revision 0.4 to Revision 1.0
logo
Silicon Laboratories
SI3402-C SILABS-SI3402-C Datasheet
596Kb / 21P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
logo
Skyworks Solutions Inc.
SI3404 SKYWORKS-SI3404 Datasheet
474Kb / 26P
   Fully-Integrated IEEE 802.3 Type 1-Compliant POE PD Interface and High-Efficiency Switching Regulator with Compact Footprint
Revision 0.5 February, 2018
logo
Silicon Laboratories
SI3400 SILABS-SI3400 Datasheet
447Kb / 20P
   FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
logo
List of Unclassifed Man...
SI3400-GM ETC2-SI3400-GM Datasheet
458Kb / 20P
   FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
logo
Silicon Laboratories
SI3402-B SILABS-SI3402-B Datasheet
1Mb / 21P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
logo
STMicroelectronics
PM8803TR STMICROELECTRONICS-PM8803TR Datasheet
836Kb / 34P
   High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PM8801 STMICROELECTRONICS-PM8801 Datasheet
1Mb / 37P
   High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
July 2013 Rev 2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com