Electronic Components Datasheet Search
  English  ▼

X  

SI873X Datasheet (PDF) - Skyworks Solutions Inc.

SI873X Datasheet PDF - Skyworks Solutions Inc.
Part # SI873X
Download  SI873X Download
File Size   951.33 Kbytes
Page   23 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Low Input Current LED Emulator, Logic Output Isolators

SI873X Datasheet (PDF)

Go To PDF Page Download Datasheet
SI873X Datasheet PDF - Skyworks Solutions Inc.

Part # SI873X
Download  SI873X Click to download

File Size   951.33 Kbytes
Page   23 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Low Input Current LED Emulator, Logic Output Isolators

SI873X Datasheet (HTML) - Skyworks Solutions Inc.


SI873X Product details

KEY FEATURES
• High Speed: dc to 15 Mbps
• 2.5 to 5.5 V logic output
• Pin-compatible, drop-in upgrades for
popular high-speed digital optocouplers
• Performance and reliability advantages vs.
optocouplers:
• Resistant to temperature, age and
forward current effects
• 10x lower FIT rate for longer service life
• Lower power and forward input diode
current
• 1 channel diode emulator input
• Propagation delay 30 ns
• 10 kV surge withstand capability
• AEC-Q100 qualified
• Wide operating temperature range: – 40 to
+125 °C
• RoHS-compliant packages: SOIC-8
(Narrow body)




Similar Part No. - SI873X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8710 SILABS-SI8710 Datasheet
1Mb / 20P
EVALUATION BOARD USERS GUIDE
logo
Skyworks Solutions Inc.
SI8710AC-AS SKYWORKS-SI8710AC-AS Datasheet
1Mb / 38P
5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
logo
Silicon Laboratories
SI8710AC-B-IP SILABS-SI8710AC-B-IP Datasheet
400Kb / 36P
5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI8710AC-B-IP SKYWORKS-SI8710AC-B-IP Datasheet
1Mb / 38P
5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
logo
Silicon Laboratories
SI8710AC-B-IS SILABS-SI8710AC-B-IS Datasheet
400Kb / 36P
5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
More results


Similar Description - SI873X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFH617G-1X ETC-SFH617G-1X Datasheet
49Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
SFH617G-1X ISOCOM-SFH617G-1X Datasheet
260Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Silicon Laboratories
SI87XX SILABS-SI87XX Datasheet
400Kb / 36P
5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
logo
ISOCOM COMPONENTS
SFH617A-1 ISOCOM-SFH617A-1_08 Datasheet
69Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH615A-2X ISOCOM-SFH615A-2X Datasheet
126Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH615A-4X ISOCOM-SFH615A-4X Datasheet
126Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Silicon Laboratories
SI8715BC-A-IS SILABS-SI8715BC-A-IS Datasheet
1Mb / 35P
5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
logo
ISOCOM COMPONENTS
SFH617A-2XSM ISOCOM-SFH617A-2XSM Datasheet
69Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Skyworks Solutions Inc.
SI871X SKYWORKS-SI871X Datasheet
956Kb / 36P
5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
SI87XX SKYWORKS-SI87XX Datasheet
1Mb / 38P
5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com