Electronic Components Datasheet Search
  English  ▼

X  

TV22A Datasheet (PDF) - Transko Electronics, Inc.

TV22A Datasheet PDF - Transko Electronics, Inc.
Part # TV22A
Download  TV22A Download

File Size   597.26 Kbytes
Page   2 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE CERAMIC SMD VCXO (2.5 x 2.0mm)

TV22A Datasheet (PDF)

Go To PDF Page Download Datasheet
TV22A Datasheet PDF - Transko Electronics, Inc.

Part # TV22A
Download  TV22A Click to download

File Size   597.26 Kbytes
Page   2 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE CERAMIC SMD VCXO (2.5 x 2.0mm)

TV22A Datasheet (HTML) - Transko Electronics, Inc.


TV22A Product details

FEATURES
 Available with output frequency from 10M~1.5GHz
 High reliability and low aging
 Available CMOS, LVDS, and LVPECL outputs
 3.3V and 2.5V supply options




Similar Part No. - TV22A

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
TV22 DYNEX-TV22 Datasheet
59Kb / 7P
Fast Recovery Diode
TV2206FK DYNEX-TV2206FK Datasheet
59Kb / 7P
Fast Recovery Diode
TV2206FM DYNEX-TV2206FM Datasheet
59Kb / 7P
Fast Recovery Diode
TV2208FK DYNEX-TV2208FK Datasheet
59Kb / 7P
Fast Recovery Diode
TV2208FM DYNEX-TV2208FM Datasheet
59Kb / 7P
Fast Recovery Diode
More results


Similar Description - TV22A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TSMV TRANSKO-TSMV Datasheet
289Kb / 1P
VCXO STANDARD CERAMIC SMD (7.0 x 5.0 x 2.0mm)
Rev. 5: 02-26-20
TSMV3 TRANSKO-TSMV3 Datasheet
380Kb / 1P
CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 3: Jun. 2015
TVM36 TRANSKO-TVM36 Datasheet
162Kb / 1P
CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 0: Jan. 2020
TSMV2 TRANSKO-TSMV2 Datasheet
376Kb / 1P
CMOS MINIATURE SMD VCXO (2.5 x 2.0 x 1.0mm)
Rev. 0: Jul. 2015
TVM26 TRANSKO-TVM26 Datasheet
760Kb / 1P
CMOS MINIATURE SMD VCXO (2.5 x 2.0 x 1.1mm)
Rev. 0: Aug, 2020
logo
Golledge Electronics Lt...
GSX-321 GOLLEDGE-GSX-321_18 Datasheet
599Kb / 5P
Miniature 2.5 x 2.0mm SM Crystal
GSX-323 GOLLEDGE-GSX-323 Datasheet
589Kb / 6P
Miniature 2.5 x 2.0mm SM Crystal
logo
Fox Electronics
C2BS FOX-C2BS Datasheet
215Kb / 2P
2.5 x 2.0mm SMD Crystal
logo
Transko Electronics, In...
TV32A TRANSKO-TV32A Datasheet
607Kb / 2P
MINIATURE CERAMIC SMD VCXO (3.2 x 2.5mm)
Rev. 4: Mar. 2016
TV53A TRANSKO-TV53A Datasheet
606Kb / 2P
MINIATURE CERAMIC SMD VCXO (5.0 x 3.2mm)
Rev. 3: Nov. 2015
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com