Electronic Components Datasheet Search
  English  ▼

X  

MY8103 Datasheet (PDF) - MY-SEMI INC.

MY8103 Datasheet PDF - MY-SEMI INC.
Part # MY8103
Download  MY8103 Download

File Size   502.14 Kbytes
Page   17 Pages
Manufacturer  MY-SEMI [MY-SEMI INC.]
Direct Link  http://www.my-semi.com.tw/
Logo MY-SEMI - MY-SEMI INC.
Description 65V 1A Common Anode Capable LED Driver With Internal Switch and Wide-Range Current Sense

MY8103 Datasheet (PDF)

Go To PDF Page Download Datasheet
MY8103 Datasheet PDF - MY-SEMI INC.

Part # MY8103
Download  MY8103 Click to download

File Size   502.14 Kbytes
Page   17 Pages
Manufacturer  MY-SEMI [MY-SEMI INC.]
Direct Link  http://www.my-semi.com.tw/
Logo MY-SEMI - MY-SEMI INC.
Description 65V 1A Common Anode Capable LED Driver With Internal Switch and Wide-Range Current Sense

MY8103 Datasheet (HTML) - MY-SEMI INC.


MY8103 Product details

General Description
The MY8103 is a common anode capable step-down
constant-current LED driver with internal MOSFET and
wide-range current sense. The MY8103 provides a
cost-effective design solution for architectural and
ambient lighting, LED bulbs, and other LED applications.
The MY8103 operates from a +8V to +65V input voltage
range and can provide an output current up to 1A.
Output current of MY8103 is set by an external resistor
connected between CSP and CSN pins. Dimming is
controlled by an external control signal to the VDIM pin.
The VDIM pin accepts either a DC voltage or a PWM
signal, and applying a voltage of 0.4V or lower to the
VDIM pin turns off the output current. The MY8103SE
has two error outputs to indicate various fault conditions.

Applications
Architectural, Industrial and Ambient Lighting
Indicator and Emergency Lighting
Decorative LED Lighting
High Power LED Lighting
Automotive Lighting
Constant Current Source

Features
✦ Support LED power up to 65W
✦ High-efficiency solution
✦ Internal 65V MOS switch
✦ Wide current sense common-mode range
from 0 to 65V
✦ Hysteretic control
✦ Up to 1MHz switching frequency
✦ ±5% output current accuracy
✦ Single DC/PWM input pin for dimming control
✦ 100mV current-sense reference
✦ Resistor-programmable constant LED current
✦ Inherent open LED protection
✦ Short LED protection
✦ Thermal-shutdown protection
✦ Over current protection
✦ Fault indication for various fault conditions
✦ Soft-start




Similar Part No. - MY8103

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MY82 MACOM-MY82 Datasheet
309Kb / 2P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
MY82 MA-COM-MY82 Datasheet
83Kb / 2P
Triple-Balanced Mixer
MY82 MA-COM-MY82 Datasheet
83Kb / 2P
Triple-Balanced Mixer
logo
Tyco Electronics
MY82C MACOM-MY82C Datasheet
309Kb / 2P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
MY82C MA-COM-MY82C Datasheet
83Kb / 2P
Triple-Balanced Mixer
More results


Similar Description - MY8103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3414 TI1-LM3414_15 Datasheet
1Mb / 30P
Common Anode-Capable Constant Current Buck LED Driver
LM3414HVMRX TI-LM3414HVMRX Datasheet
1Mb / 25P
1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
logo
Zetex Semiconductors
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
1A LED driver with internal switch
logo
Maxic Technology Corpor...
MT7201C MAXIC-MT7201C Datasheet
81Kb / 1P
1A LED driver with internal switch
logo
Feeling Technology Corp...
FP7152 FEELING-FP7152 Datasheet
338Kb / 14P
1A LED Driver with Internal Switch
logo
Diodes Incorporated
PAM2861 DIODES-PAM2861 Datasheet
346Kb / 12P
1A LED DRIVER WITH INTERNAL SWITCH
logo
Zetex Semiconductors
ZXLD1360 ZETEX-ZXLD1360 Datasheet
716Kb / 28P
1A LED driver with internal switch
logo
Tontek Design Technolog...
TTP932 TONTEK-TTP932 Datasheet
911Kb / 21P
1A LED Driver with internal switch
logo
National Semiconductor ...
LM3414 NSC-LM3414 Datasheet
401Kb / 20P
1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
List of Unclassifed Man...
CL6807 ETC1-CL6807 Datasheet
191Kb / 8P
30V 1A LED driver with internal switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com