Electronic Components Datasheet Search
  English  ▼

X  

BD83A14EFV-M Datasheet (PDF) - Rohm

BD83A14EFV-M Datasheet PDF - Rohm
Part # BD83A14EFV-M
Download  BD83A14EFV-M Download

File Size   1693.32 Kbytes
Page   49 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description White LED Driver for Automotive

BD83A14EFV-M Datasheet (PDF)

Go To PDF Page Download Datasheet
BD83A14EFV-M Datasheet PDF - Rohm

Part # BD83A14EFV-M
Download  BD83A14EFV-M Click to download

File Size   1693.32 Kbytes
Page   49 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description White LED Driver for Automotive

BD83A14EFV-M Datasheet (HTML) - Rohm


BD83A14EFV-M Product details

General Description
This IC is a white LED driver for LCD backlight.
It has 4 ch current drivers for LED drive, making it ideal for
high brightness LED drive. LED pin maximum voltage is 50
V, making it suitable for driving medium LCD panels.
The dimming is controlled by the PWM signal and can be
set up to 20,000: 1@100 Hz. It also supports analog
dimming and can accommodate even higher brightness
ranges by combining with PWM dimming. DC/DC
converters can be controlled for boost applications, and the
input operating voltage range is 4.5 V to 48.0 V.

Features
◼ AEC-Q100 Qualified(Note 1)
◼ Functional Safety Supportive Automotive Products
◼ Built-in 4 ch Current Driver for LED Driver
◼ Current Mode Boost DC/DC Converter
◼ Load Switch (M1) Control Pin
◼ DC Dimming Function by Pulse Input
◼ PWM Dimming
(20,000: 1@100 Hz, 100 Hz to 25 kHz)
◼ Spread Spectrum Function
◼ DC/DC Converter Oscillation Frequency External
Synchronization Function
◼ LSI Protect Functions (UVLO, OVP, TSD, OCP)
◼ LED Anode/Cathode Short Circuit Protection Function
◼ LED Open/Short Protection Function
(Note 1) Grade 1

Applications
◼ Automotive CID (Center Information Display) Panel
◼ Navigation
◼ Cluster Panel
◼ HUD (Head Up Display)
◼ Other Small and Medium Sized LCD Panel for
Automotive




Similar Part No. - BD83A14EFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD83A14EFV-M ROHM-BD83A14EFV-M Datasheet
2Mb / 50P
   4 ch Current Driver Integrated, Built-in MOS for Boost DC/DC Controller
30.Nov.2022 Rev.002
BD83A14EFV-M ROHM-BD83A14EFV-M_V01 Datasheet
2Mb / 50P
   4 ch Current Driver Integrated, Built-in MOS for Boost DC/DC Controller
30.Nov.2022 Rev.002
More results


Similar Description - BD83A14EFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD83A24MUF-M ROHM-BD83A24MUF-M Datasheet
1Mb / 49P
   White LED Driver for Automotive
30.Nov.2022 Rev.001
BD8112EFV-M ROHM-BD8112EFV-M Datasheet
547Kb / 19P
   Automotive White LED Driver IC
logo
New Japan Radio
NJW4600 NJRC-NJW4600 Datasheet
190Kb / 2P
   White LED Driver for Backlight
NJW4603 NJRC-NJW4603 Datasheet
189Kb / 2P
   White LED Driver for Backlight
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Major-Power Technology ...
MA2001 MPOWER-MA2001 Datasheet
231Kb / 7P
   1.4A Boost for White LED Driver
MA2001B MPOWER-MA2001B Datasheet
237Kb / 7P
   1.4A Boost for White LED Driver
logo
STMicroelectronics
STLA02PUR STMICROELECTRONICS-STLA02PUR Datasheet
732Kb / 23P
   White LED driver for display backlight
February 2011 Rev 1
logo
Major-Power Technology ...
MA2001A MPOWER-MA2001A Datasheet
234Kb / 7P
   1.4A Boost for White LED Driver
logo
BCD Semiconductor Manuf...
AP3008 BCDSEMI-AP3008 Datasheet
59Kb / 2P
   WHITE LED DRIVER
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com