Electronic Components Datasheet Search
  English  ▼

X  

24LC256T-E/MF Datasheet (PDF) - Microchip Technology

24LC256T-E/MF Datasheet PDF - Microchip Technology
Part # 24LC256T-E/MF
Download  24LC256T-E/MF Download
File Size   1216.8 Kbytes
Page   42 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 256K I2C Serial EEPROM

24LC256T-E/MF Datasheet (PDF)

Go To PDF Page Download Datasheet
24LC256T-E/MF Datasheet PDF - Microchip Technology

Part # 24LC256T-E/MF
Download  24LC256T-E/MF Click to download

File Size   1216.8 Kbytes
Page   42 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 256K I2C Serial EEPROM

24LC256T-E/MF Datasheet (HTML) - Microchip Technology


24LC256T-E/MF Product details

Features
• Single Supply with Operation Down to 1.7V for
24AA256 and 24FC256 Devices, 2.5V for
24LC256 Devices
• Low-Power CMOS Technology:
- Write current: 3 mA, maximum
- Standby current: 1 μA maximum (I-temp.)
• Two-Wire Serial Interface, I2C Compatible
• Cascadable up to Eight Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz, 400 kHz and 1 MHz Compatibility
• Page Write Time: 5 ms, maximum
• Self-Timed Erase/Write Cycle
• 64-Byte Page Write Buffer
• Hardware Write-Protect
• ESD Protection >4000V
• More than One Million Erase/Write Cycles
• Data Retention >200 years
• Factory Programming Available
• RoHS Compliant
• Temperature Ranges:
• Automotive AEC-Q100 Qualified
- Industrial (I): -40C to +85C
- Extended (E): -40C to +125C




Similar Part No. - 24LC256T-E/MF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC256T-E/MF MICROCHIP-24LC256T-E/MF Datasheet
481Kb / 26P
256K I2C CMOS Serial EEPROM
2005
24LC256T-E/MF MICROCHIP-24LC256T-E/MF Datasheet
700Kb / 34P
256K I2C??CMOS Serial EEPROM
2010
24LC256T-E/MFG MICROCHIP-24LC256T-E/MFG Datasheet
481Kb / 26P
256K I2C CMOS Serial EEPROM
2005
More results


Similar Description - 24LC256T-E/MF

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
256K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA256 MICROCHIP-24AA256_05 Datasheet
481Kb / 26P
256K I2C CMOS Serial EEPROM
2005
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISNG MICROCHIP-24LC256ISNG Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256_13 Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
256K I2C CMOS Serial EEPROM
01/05/10
24AA256UID MICROCHIP-24AA256UID Datasheet
575Kb / 28P
256K I2C??Serial EEPROM
11/29/12
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com