Electronic Components Datasheet Search
  English  ▼

X  

CXB1310 Datasheet (PDF) - Cree LED

CXB1310 Datasheet PDF - Cree LED
Part # CXB1310
Download  CXB1310 Download

File Size   1715.43 Kbytes
Page   25 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description XLamp® CXB1310 LED

CXB1310 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXB1310 Datasheet PDF - Cree LED

Part # CXB1310
Download  CXB1310 Click to download

File Size   1715.43 Kbytes
Page   25 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description XLamp® CXB1310 LED

CXB1310 Datasheet (HTML) - Cree LED


CXB1310 Product details

FEATURES
• Available in 5-step EasyWhite® bins
at 4000 K, 5000 K, 5700 K & 6500 K,
3‑step EasyWhite bins at 2200 K,
2700 K, 3000 K, 3500 K, 4000 K &
5000 K and 2-step EasyWhite bins at
2700 K, 3000 K, 3500 K & 4000 K CCT
• Available in 70-, 80-, 90- and
95-minimum CRI options
• Premium Color 2- and 3-step binning
Forward voltage options: 18‑V class &
36‑V class
• 85 °C binning and characterization
• Maximum drive current: 1400 mA
(18 V), 700mA (36 V)
• 115° viewing angle, uniform
chromaticity profile
• Top-side solder connections
• Thermocouple attach point
• NEMA SSL-3 2011 standard flux bins
• RoHS and REACh compliant
• UL® recognized component (E349212)




Similar Part No. - CXB1310

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1310 CREE-CXB1310 Datasheet
2Mb / 20P
   Available in 5-step EasyWhite
CXB1310-0000-000N0HM440G CREE-CXB1310-0000-000N0HM440G Datasheet
2Mb / 20P
   Available in 5-step EasyWhite
CXB1310-0000-000N0HM450G CREE-CXB1310-0000-000N0HM450G Datasheet
2Mb / 20P
   Available in 5-step EasyWhite
CXB1310-0000-000N0HN240G CREE-CXB1310-0000-000N0HN240G Datasheet
2Mb / 20P
   Available in 5-step EasyWhite
CXB1310-0000-000N0HN250G CREE-CXB1310-0000-000N0HN250G Datasheet
2Mb / 20P
   Available in 5-step EasyWhite
More results


Similar Description - CXB1310

ManufacturerPart #DatasheetDescription
logo
Cree LED
CHA0825 CREELED-CHA0825 Datasheet
1Mb / 20P
   XLamp® CHA0825 LED
REV 0
CMA1303 CREELED-CMA1303 Datasheet
3Mb / 30P
   XLamp® CMA1303 LED
REV 2
CMB1507 CREELED-CMB1507 Datasheet
1Mb / 26P
   XLamp® CMB1507 LED
REV 0
CXB1512 CREELED-CXB1512 Datasheet
2Mb / 27P
   XLamp® CXB1512 LED
REV 9A
CMB1304 CREELED-CMB1304 Datasheet
1Mb / 31P
   XLamp® CMB1304 LED
REV 0
CMB1818 CREELED-CMB1818 Datasheet
1Mb / 20P
   XLamp® CMB1818 LED
REV 0
CXB1304 CREELED-CXB1304 Datasheet
3Mb / 34P
   XLamp® CXB1304 LED
REV 9A
CMB1306 CREELED-CMB1306 Datasheet
1Mb / 26P
   XLamp® CMB1306 LED
REV 0
CMB3090 CREELED-CMB3090 Datasheet
1Mb / 25P
   XLamp® CMB3090 LED
REV 0
CXB3070 CREELED-CXB3070 Datasheet
2Mb / 14P
   XLamp® CXB3070 LED
REV 7A
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com