Electronic Components Datasheet Search
  English  ▼

X  

MAX31334EWC+ Datasheet (PDF) - Analog Devices

MAX31334EWC+ Datasheet PDF - Analog Devices
Part # MAX31334EWC+
Download  MAX31334EWC+ Download
File Size   989.73 Kbytes
Page   53 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Low-Power Real Time Clock with Integrated Power Switch

MAX31334EWC+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX31334EWC+ Datasheet PDF - Analog Devices

Part # MAX31334EWC+
Download  MAX31334EWC+ Click to download

File Size   989.73 Kbytes
Page   53 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Low-Power Real Time Clock with Integrated Power Switch

MAX31334EWC+ Datasheet (HTML) - Analog Devices


MAX31334EWC+ Product details

Product Highlights
• Ultra-Low-Power Real Time Clock
• 70nA Timekeeping Current
• 1.1V to 5.5V Timekeeping Voltage Range
• Automatic Switchover to Backup Supply on
Power Failure
• Trickle Charger for External Supercapacitor
• Integrated Power Switch with State Machine
Increases System Battery Life
• Up to 500mA Continuous Current
• Ultra-Low 57mΩ On-Resistance
• Wakeup on Periodic Interrupt—Countdown Timer
(100ms to 1hr) and Alarms (1s Resolution)
• Wakeup on External Interrupt, Like Pushbutton
• Saves Board Space
• No External Capacitors Required for Crystal
• 1.5mm x 2mm 12-WLP
• 3mm x 3mm 12-TDFN
• Value-Add Features for Ease of Use
• Works with Many 32.768kHz Crystals (no CL
limitation)
• Two Time-of-Day Alarms
• Event Detection and Timestamps
• 1/128 Second Register
• 32 bytes of User RAM

Key Applications
• Electronic Shelf Label
• Ultra-low-power IoT Modules
• Medical Wearables
• Temperature Loggers
• Asset Tracking
• Battery-Powered Devices




Similar Part No. - MAX31334EWC+

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX31334EVKIT AD-MAX31334EVKIT Datasheet
857Kb / 9P
MAX31334 Evaluation Kit
319-100946; Rev 0; 8/22
More results


Similar Description - MAX31334EWC+

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC34123 CYMBET-CBC34123 Datasheet
480Kb / 9P
SPI Real-Time Clock/Calendar with Integrated Backup Power
logo
Golledge Electronics Lt...
RV2123C2 GOLLEDGE-RV2123C2 Datasheet
132Kb / 1P
Real Time Clock - Low Power
RV8523C3 GOLLEDGE-RV8523C3 Datasheet
123Kb / 1P
Real Time Clock, Ultra Low Power
RV8803C7 GOLLEDGE-RV8803C7 Datasheet
119Kb / 1P
Real Time Clock, Ultra Low Power
MP06786 GOLLEDGE-MP06786 Datasheet
119Kb / 1P
Real Time Clock, Ultra Low Power
RV2123C2 GOLLEDGE-RV2123C2_16 Datasheet
124Kb / 1P
Real Time Clock - Low Power
logo
MICORO CRYSTAL SWITZERL...
RV-2123 MICROCRYSTAL-RV-2123 Datasheet
675Kb / 38P
Ultra-Low-Power Real Time Clock
logo
Abracon Corporation
AB18X5 ABRACON-AB18X5 Datasheet
655Kb / 37P
Real-Time Clock with Power
Revision: C
AB-RTCMC-32.768KHZ-IBO5 ABRACON-AB-RTCMC-32.768KHZ-IBO5 Datasheet
3Mb / 11P
Ultra-low Power Real Time Clock Module with I2C Bus
01.08.2019
logo
Analog Devices
MAX31331 AD-MAX31331 Datasheet
1Mb / 49P
Ultra-Low-Power, I2C Real-Time Clock and Power Management
19-101203; Rev 1; 4/22
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com