Electronic Components Datasheet Search
  English  ▼

X  

896-026-541-802 Datasheet (PDF) - EDAC, All Rights Reserved.

896-026-541-802 Datasheet PDF - EDAC, All Rights Reserved.
Part # 896-026-541-802
Download  896-026-541-802 Download

File Size   274.89 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 896 Series High Temp Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing

896-026-541-802 Datasheet (PDF)

Go To PDF Page Download Datasheet
896-026-541-802 Datasheet PDF - EDAC, All Rights Reserved.

Part # 896-026-541-802
Download  896-026-541-802 Click to download

File Size   274.89 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 896 Series High Temp Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing

896-026-541-802 Datasheet (HTML) - EDAC, All Rights Reserved.


896-026-541-802 Product details

Features

  • .125" (3.175mm) Contact Spacing x .250" (6.35mm) Row Spacing
  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board
  • High Profile Insulator Body, .600" (15.24mm)
  • Contact Termination Options include P.C. Tail, Wire Hole, Wire Wrap, 90 and Extender Board Bends
  • Single or Dual Row Configurations
  • Large Variety of Mounting Options, Flush or Offset Lugs
  • Accepts between contact and In-Contact Polarizing Keys
  • Pre-assembled Card Guides are available
  • Automatic Wire Wrap Positioning Holes
  • RoHS Compliant, UL Certified




Similar Part No. - 896-026-541-802

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
896-026-500-101 EDAC-896-026-500-101 Datasheet
77Kb / 2P
   896 Series High Temp Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
896-026-500-102 EDAC-896-026-500-102 Datasheet
77Kb / 2P
   896 Series High Temp Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
896-026-500-103 EDAC-896-026-500-103 Datasheet
77Kb / 2P
   896 Series High Temp Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
896-026-500-104 EDAC-896-026-500-104 Datasheet
77Kb / 2P
   896 Series High Temp Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
896-026-500-107 EDAC-896-026-500-107 Datasheet
77Kb / 2P
   896 Series High Temp Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
More results





Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com