Electronic Components Datasheet Search
  English  ▼

X  

MAX25255DAFDA/VY+ Datasheet (PDF) - Analog Devices

MAX25255DAFDA/VY+ Datasheet PDF - Analog Devices
Part # MAX25255DAFDA/VY+
Download  MAX25255DAFDA/VY+ Download
File Size   1615.12 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 36V Input Voltage, 8A Synchronous Buck Converters with Multiphase Capability and ASIL B

MAX25255DAFDA/VY+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX25255DAFDA/VY+ Datasheet PDF - Analog Devices

Part # MAX25255DAFDA/VY+
Download  MAX25255DAFDA/VY+ Click to download

File Size   1615.12 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 36V Input Voltage, 8A Synchronous Buck Converters with Multiphase Capability and ASIL B

MAX25255DAFDA/VY+ Datasheet (HTML) - Analog Devices


MAX25255DAFDA/VY+ Product details

General Description
The MAX25254/MAX25255 are small, synchronous dual buck converters with integrated high-side and low-side switches. The ICs are designed to deliver up to 8A per channel with input voltages from 3V to 36V while using only 12μA quiescent current at no load. Voltage quality can be monitored by observing the PGOOD signals. The MAX25254/MAX25255 can regulate the output voltage in the dropout region by running at 99% of the duty cycle, making them ideal for automotive and industrial applications.
The MAX25254/MAX25255 offer two fixed output voltages of 5V and 3.3V. Four fixed frequency options allow for small external components and reduced output ripple, and also guarantee no AM interference. The MAX25254/MAX25255 can enter skip mode at light loads with ultra-low quiescent current of 12μA at no load. The MAX25254/MAX25255 can be ordered with spread spectrum enabled for optimum EMI performance.
Two buck converters within the MAX25254D and MAX25255D can be configured for dual-phase operation with up to 16A output load capability. Furthermore, the MAX25254D/MAX25255D and the MAX25254Q/MAX25255Q can be used in parallel to provide 4-phase operation that supports up to 32A (max) output current.
The MAX25254/MAX25255 are available in a small, 4.50mm x 5.75mm, 23-pin FC2QFN package and use very few external components.

Benefits and Features
Dual Buck Converter
•Wide Input Range from 3.0V to 36V (42V, max)
•Low Shutdown Supply Current (6.5μA, max)
•Low Operating Quiescent Current with OneChannel ON (12μA, typ)
•Programmable VOUT from 0.8V to 14V
•Up to 8A per Channel
•180° Out-of-Phase Operation between TwoConverters
•24ns (typ) Minimum On-Time
Dual/Quad Phase Operation
•Ability to Operate Two ICs in Parallel for Quad-PhaseOperation
•±10% Current Sharing Accuracy
•Supports up to 16A in Dual-Phase and 32A in Quad-Phase
Diagnostics and Redundant Circuits (MAX25255)
•ASIL B Compliant
•Redundant Reference
•Die Temperature Monitor
•Precision Overvoltage and Undervoltage Protection
General
•23-Pin, 4.50mm x 5.75mm FC2QFN Package
•-40°C to +125°C Operating Ambient Temperature
•AEC-Q100 Rating
•200kHz, 400kHz, 1MHz, or 2MHz SwitchingFrequency Options
•Spread Spectrum

Applications
•Front-End Power Supply for Head Units
•ASIL Applications
•General-Purpose Dual Buck Converters
•Telematics Modules
•Front Camera Power




Similar Part No. - MAX25255DAFDA/VY+

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX25255DUALEVKIT AD-MAX25255DUALEVKIT Datasheet
777Kb / 9P
MAX25255 Dual Phase Evaluation Kit
Rev 1; 8/22
More results


Similar Description - MAX25255DAFDA/VY+

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ23608 TI1-LMZ23608 Datasheet
1Mb / 26P
8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
logo
International Rectifier
IR3871MPBF IRF-IR3871MPBF Datasheet
1Mb / 21P
8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
Texas Instruments
LMZ13608 TI1-LMZ13608_14 Datasheet
1Mb / 30P
8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23608 TI1-LMZ23608_14 Datasheet
1Mb / 29P
8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
logo
International Rectifier
IR3871M IRF-IR3871M_15 Datasheet
1Mb / 21P
8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
Linear Technology
LT3964 LINER-LT3964 Datasheet
3Mb / 36P
Dual 36V Synchronous 1.6A Buck LED Driver with I2C
logo
Major-Power Technology ...
MA5611 MPOWER-MA5611 Datasheet
396Kb / 7P
36V Synchronous Buck Converter
logo
Alpha & Omega Semicondu...
AOZ2223QI AOSMD-AOZ2223QI Datasheet
1Mb / 15P
36V/8A Synchronous EZBuckTM Regulator
Rev. 1.3 August 2022
logo
Analog Devices
MAX42405 AD-MAX42405 Datasheet
1Mb / 18P
36V, 5A/6A Fully Integrated Synchronous Buck Converters
19-101745; Rev 0; 11/23
MAX42408 AD-MAX42408 Datasheet
954Kb / 19P
36V, 8A/10A Fully Integrated Buck Converter with 10μA Quiescent Current and Dual-Phase Capability
19-101749; Rev 0; 11/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com