Electronic Components Datasheet Search
  English  ▼

X  

IDP31-270W Datasheet (PDF) - Advantech Co., Ltd.

IDP31-270W Datasheet PDF - Advantech Co., Ltd.
Part # IDP31-270W
Download  IDP31-270W Download

File Size   415.06 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 27 FHD Flat monitor with LED Lighting

IDP31-270W Datasheet (PDF)

Go To PDF Page Download Datasheet
IDP31-270W Datasheet PDF - Advantech Co., Ltd.

Part # IDP31-270W
Download  IDP31-270W Click to download

File Size   415.06 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 27 FHD Flat monitor with LED Lighting

IDP31-270W Datasheet (HTML) - Advantech Co., Ltd.


IDP31-270W Product details

Features
ƒ 27" Full HD 1920 x 1080 resolution
ƒ 0 ~ 45 °C range operating temperature
ƒ P-cap touchscreen and glass solutions
ƒ Touch interface: USB
ƒ Flexible signal interface: VGA, DVI & DP
ƒ LED light strip surround
ƒ Versatile VESA mounting
ƒ 12V DC input




Similar Part No. - IDP31-270W

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDP31-215W ADVANTECH-IDP31-215W Datasheet
290Kb / 2P
100% flat fronted touch, industrial grade monitors. Ultra thin profile, smooth rounded corners, bezel-less, and rugged glass fronted for a totally contemporary outlook
18-Jan-2018
IDP31-215WP25HIB2 ADVANTECH-IDP31-215WP25HIB2 Datasheet
290Kb / 2P
100% flat fronted touch, industrial grade monitors. Ultra thin profile, smooth rounded corners, bezel-less, and rugged glass fronted for a totally contemporary outlook
18-Jan-2018
IDP31-238W ADVANTECH-IDP31-238W Datasheet
389Kb / 2P
23.8 FHD Flat monitor with LED Lighting
7-Dec-2021
IDP31-238WG ADVANTECH-IDP31-238WG Datasheet
389Kb / 2P
23.8 FHD Flat monitor with LED Lighting
7-Dec-2021
IDP31-238WG35DPA1 ADVANTECH-IDP31-238WG35DPA1 Datasheet
389Kb / 2P
23.8 FHD Flat monitor with LED Lighting
7-Dec-2021
More results


Similar Description - IDP31-270W

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDP31-238W ADVANTECH-IDP31-238W Datasheet
389Kb / 2P
23.8 FHD Flat monitor with LED Lighting
7-Dec-2021
IDS-3127W ADVANTECH-IDS-3127W Datasheet
351Kb / 2P
27 FHD OpenFrame Monitor
10-Jan-2022
PAX-332 ADVANTECH-PAX-332 Datasheet
499Kb / 2P
32" FHD Surgical Monitor
18-Apr-2023
PAX-324 ADVANTECH-PAX-324 Datasheet
696Kb / 2P
24" FHD Surgical Monitor
18-Apr-2023
IDS-3121W ADVANTECH-IDS-3121W_V01 Datasheet
544Kb / 2P
21.5 FHD OpenFrame Monitor
27-Apr-2018
IDS-3121W ADVANTECH-IDS-3121W_15 Datasheet
322Kb / 2P
21.5" FHD OpenFrame Monitor
IDS-3121GD ADVANTECH-IDS-3121GD_15 Datasheet
541Kb / 2P
21.5" FHD OpenFrame Monitor
IDS-3121W ADVANTECH-IDS-3121W Datasheet
388Kb / 2P
21.5' FHD OpenFrame Monitor
IDS-3221W ADVANTECH-IDS-3221W Datasheet
500Kb / 2P
21.5 FHD Panel Mount Monitor
24-Jul-2020
DSD-7055 ADVANTECH-DSD-7055 Datasheet
486Kb / 2P
55 FHD Digital Signage SDM Monitor
10-Aug-2020
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com